Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE4N73FP Datasheet(PDF) 3 Page - Micross Components

Part # ICE4N73FP
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE4N73FP Datasheet(HTML) 3 Page - Micross Components

  ICE4N73FP Datasheet HTML 1Page - Micross Components ICE4N73FP Datasheet HTML 2Page - Micross Components ICE4N73FP Datasheet HTML 3Page - Micross Components ICE4N73FP Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICE4N73FP
V
GS = 10V
Output Characteristics
Transfer Characterstics
On State Resistance vs Drain Current
Q
g - Total Gate Charge (nC)
Gate Charge
On Resistance vs Junction Temperature
7V
V
DS = 25V
6V
5V
8V
V
GS = 10V
I
D = 4.4A
V
GS = 10V
2.00
1.00
1.00
0.5
2.00
1.0
5.00
4.00
3.00
1.50
1.5
2.0
1.0
4.00
2.0
9.00
8.00
7.00
6.00
2.00
2.5
6.00
3.0
10.00
2.50
3.0
10.00
8.00
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.00
0.50
0
0.0
0.00
0.0
0.00
0.00
-50
0
0.00
15.00
20.00
8.00
100
75
6
6.00
10.00
25.00
10.00
150
125
8
10
12
14
8.00
10.00
6.00
4.00
50
25
4
4.00
5.00
2.00
0
-25
2
2.00
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
3
V
DS = 400V
I
D = 4.4A
V
GS = 10V
V
DS - Drain to Source Voltage (V)
I
D - Drain Current (A)
T
J - Junction Temperature (°C)
V
GS - Gate to Source Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com