Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE4N73FP Datasheet(PDF) 1 Page - Micross Components

Part # ICE4N73FP
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE4N73FP Datasheet(HTML) 1 Page - Micross Components

  ICE4N73FP Datasheet HTML 1Page - Micross Components ICE4N73FP Datasheet HTML 2Page - Micross Components ICE4N73FP Datasheet HTML 3Page - Micross Components ICE4N73FP Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICE4N73FP
N-Channel Enhancement Mode MOSFET
Features:
Low
rDS(on)
Ultra Low Gate Charge
High dv/dt Capability
High Unclamped Inductive Switching (UIS) Capability
High Peak Current Capability
Increased Transconductance Performance
Optimized Design For High Performance Power Systems
Symbol
Parameter
Value
Unit
Conditions
ID
Continous Drain Current
4
A
TC = 25°C
ID, pulse
Pulsed Drain Current
12
A
TC = 25°C
EAS
Avalanche Energy, Single Pulse
80
mJ
ID = 2A
IAR
Avalanche Current, Repetitive
2
A
Limited by Tjmax
dv/dt
MOSFET dv/dt Ruggedness
50
V/ns
VDS = 480V, ID = 4A, Tj = 125°C
VGS
Gate Source Voltage
±20
V
Static
±30
AC (f>Hz)
Ptot
Power Dissipation
35
W
TC = 25°C
Tj, Tstg
Operating and Storage Temperature
-55 to +150
°C
Mounting Torque
50
Ncm
M 2.5 screws
Maximum Ratings @ Tj = 25°C, Unless Otherwise Specified
Product Summary
ID
TA = 25°C
4A
Max
V(BR)DSS
ID = 250uA
730V
Min
rDS(ON)
VGS = 10V
1.0Ω
Typ
Qg
VDS = 480V
21nC
Typ
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
1
Thermal Characteristics
RthJC
Thermal Resistance, Junction to Case
-
-
3.5
°C/W
RthJA
Thermal Resistance, Junction to Ambient
-
-
68
Leaded
Tsold
Soldering Temperature, Wave Soldering Only Al-
lowed At Leads
-
-
260
°C
1.6mm (0.063in.) from Case for 10s
Pin Description:
TO-220
D
G
S
Symbol
Parameter
Values
Unit
Conditions
Min
Typ
Max
Electrical Characteristics @ Tj = 25°C, Unless Otherwise Specified
Static Characteristics
V(BR)DSS
Drain to Source Breakdown Voltage
730
770
-
V
VGS = 0V, ID = 250µA
V
GS(th)
Gate Threshold Voltage
2.1
3
3.9
VDS = VGS, ID = 250µA
IDSS
Zero Gate Voltage Drain Current
-
0.5
5
µA
VDS = 730V, VGS = 0V, Tj = 25°C
-
-
100
VDS = 730V, VGS = 0V, Tj = 150°C
IGSS
Gate Source Leakage Current
-
-
100
nA
VGS = ±20v, VDS = 0V
RDS(on)
Drain to Source On-State Resistance
-
1.0
1.2
Ω
VGS = 10V, ID = 2A, Tj = 25°C
-
2.6
-
VGS = 10V, ID = 2A, Tj = 150°C
RGS
Gate Resistance
-
6.3
-
Ω
f = 1 MHz, open drain


Similar Part No. - ICE4N73FP

ManufacturerPart #DatasheetDescription
logo
Icemos Technology
ICE4N73FP ICEMOS-ICE4N73FP Datasheet
795Kb / 9P
Enhancement Mode MOSFET
More results

Similar Description - ICE4N73FP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com