Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFC
Description  15 Watt DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFC Datasheet HTML 1Page - Wall Industries,Inc. JFC Datasheet HTML 2Page - Wall Industries,Inc. JFC Datasheet HTML 3Page - Wall Industries,Inc. JFC Datasheet HTML 4Page - Wall Industries,Inc. JFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFC Series
Single & Dual Outputs
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
Rev D
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT MODELS
Input Current
Model Number
Input Range
Output Voltage
Output Current Ripple & Noise
(4)
No Load
(3)
Full Load
(2)
Efficiency
(4)
Max Capacitive
Load
(5)
JFC12S3.3-4000
3.3 VDC
4000mA
75mVp-p
120mA
1375mA
84%
1000µF
JFC12S5-3000
5 VDC
3000mA
75mVp-p
90mA
1524mA
86%
1000µF
JFC12S12-1300
12 VDC
1300mA
100mVp-p
40mA
1605mA
85%
330µF
JFC12S15-1000
12VDC
(9 - 18VDC)
15 VDC
1000mA
100mVp-p
40mA
1506mA
87%
220µF
JFC24S3.3-4000
3.3 VDC
4000mA
75mVp-p
50mA
671mA
86%
1000µF
JFC24S5-3000
5 VDC
3000mA
75mVp-p
65mA
763mA
86%
1000µF
JFC24S12-1300
12 VDC
1300mA
100mVp-p
20mA
792mA
87%
330µF
JFC24S15-1000
24VDC
(18 - 36 VDC)
15 VDC
1000mA
100mVp-p
20mA
744mA
88%
220µF
JFC48S3.3-4000
3.3 VDC
4000mA
75mVp-p
40mA
336mA
86%
1000µF
JFC48S5-3000
5 VDC
3000mA
75mVp-p
40mA
372mA
88%
1000µF
JFC48S12-1300
12 VDC
1300mA
100mVp-p
15mA
387mA
88%
330µF
JFC48S15-1000
48VDC
(36 - 75 VDC)
15 VDC
1000mA
100mVp-p
15mA
372mA
88%
220µF
DUAL OUTPUT MODELS
Input Current
Model Number
Input Range
Output Voltage
Output Current Ripple & Noise
(4)
No Load
(3)
Full Load
(2)
Efficiency
(4)
Max Capacitive
Load
(5)
JFC12D5-1500
±5 VDC
±1500mA
100mVp-p
30mA
1543mA
85%
±500µF
JFC12D12-625
±12 VDC
±625mA
100mVp-p
30mA
1506mA
87%
±150µF
JFC12D15-500
12VDC
(9 - 18VDC)
±15 VDC
±500mA
100mVp-p
30mA
1488mA
88%
±100µF
JFC24D5-1500
±5 VDC
±1500mA
100mVp-p
20mA
772mA
85%
±500µF
JFC24D12-625
±12 VDC
±625mA
100mVp-p
15mA
744mA
88%
±150µF
JFC24D15-500
24VDC
(18 - 36 VDC)
±15 VDC
±500mA
100mVp-p
25mA
744mA
88%
±100µF
JFC48D5-1500
±5 VDC
±1500mA
100mVp-p
15mA
386mA
85%
±500µF
JFC48D12-625
±12 VDC
±625mA
100mVp-p
15mA
368mA
89%
±150µF
JFC48D15-500
48VDC
(36 - 75 VDC)
±15 VDC
±500mA
100mVp-p
20mA
372mA
88%
±100µF
*****See Product Standard Table for suffix options*****
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load (Ground fixed and controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an
external resistor between the TRIM pin and either the +Vout pin or the –Vout pin.
7.
The ON/OFF control pin voltage is referenced to -Vin. (See the “Product Standard Table” below for suffix options).
8.
For Heat Sink option add the suffix “HS” to the part number (Ex: JFC48S5-3000HS)(P/N: 7G-0047C-F). See attached drawings for
more details.
9.
The JFC Series can meet EN55022 Class A with external capacitors connected in parallel to the input pins.
Recommended: 12Vin: 10µF/25V 1812 MLCC
24Vin: 6.8µF/50V * 2 pcs 1812 MLCC
48Vin: 2.2µF/100 * 2 pcs 1812MLCC
10.
An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. The filter capacitor suggested is
Nippon chemi-con KY Series, 220µF/100V, ESR 48m .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com