Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JFC
Description  15 Watt DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JFC Datasheet HTML 1Page - Wall Industries,Inc. JFC Datasheet HTML 2Page - Wall Industries,Inc. JFC Datasheet HTML 3Page - Wall Industries,Inc. JFC Datasheet HTML 4Page - Wall Industries,Inc. JFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFC Series
Single & Dual Outputs
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
Rev D
FEATURES
● Six-Sided Shielding
● High Efficiency up to 89%
● Fixed Switching Frequency
● 2:1 Wide Input Voltage Range
● 1600VDC Input to Output Isolation
● ISO9001 Certified Manufacturing Facilities
● Compliant to RoHS EU Directive 2002/95/EC
● Industry Standard Pin-Out DM Series Compatible
● Small Size and Low Profile: 1.0 x 1.0 x 0.39 Inches
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
● Options: Negative Logic Remote On/Off, Without Trim, Without On/Off pin
SPECIFICATIONS: JFC Series
All specifications apply @ 25°C ambient unless othe rwise noted
INPUT SPECIFICATIONS
Input Voltage Range.............12V nominal input ....................... 9 - 18VDC
24V nominal input ..................... 18 - 36VDC
48V nominal input ..................... 36 - 75VDC
Input Voltage Variation ................... dv/dt ............................... 5V/ms max
(Complies with EST300 132 part 4.4)
Input Surge Voltage (100ms max) ....... 12V input .......................... 36VDC
24V input .......................... 50VDC
48V input .........................100VDC
Reflected Ripple Current (nominal Vin and full load.....................30mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up............................................................................30ms max.
Remote ON/OFF ................................................................30ms max.
Start-Up Voltage.................................. 12V input ............................ 9VDC
24V input .......................... 17VDC
48V input .......................... 33VDC
Shutdown Voltage ............................... 12V input ............................ 8VDC
24V input ........................14.5VDC
48V input ........................30.5VDC
Remote ON/OFF (See Note 7)
Positive Logic .................DC-DC ON ............... Open or 3V < Vr < 12V
(standard)
DC-DC OFF ............ Short or 0V < Vr < 1.2V
Negative Logic................DC-DC ON .............. Short or 0V < Vr < 1.2V
(option “R suffix”)
DC-DC OFF ............. Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin).......... -0.5mA ~ 1.0mA
Remote Off State Input Current (nominal Vin) .................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ............................................................................see table
Voltage Accuracy (full load and nominal Vin)......................................±1%
Voltage Adjustability (See Note 6)....................................................... ±10%
Output Current ............................................................................see table
Output Power ...................................................................... 15 watts max.
Line Regulation (LL to HL at FL).............. Single Output..................±0.2%
Dual Output .................... ±0.5%
Load Regulation (no load to full load) ...... Single Output.................. ±0.2%
Dual Output .................... ±1.0%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............±5%
Ripple/Noise (20 MHz BW)..........................................................see table
(measured with a 1µF M/C and a 10µF T/C)
Minimum Load......................................................................................0%
Transient Response Recovery Time (25% load step) ...................... 250µs
PROTECTION SPECIFICATIONS
Over Voltage Protection .......... 3.3V output............................. 3.7V - 5.4V
5V output............................. 5.6V - 7.0V
12V output......................... 13.5V - 19.6V
15V output......................... 16.8V - 20.5V
Over Load Protection (% of FL at nominal input) ....................... 150% typ.
Short Circuit Protection ...................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ..................................................................................... see table
Switching Frequency............................................................... 400KHz typ.
Isolation Voltage
Input to Output .................................................................1600VDC min.
Input to Case....................................................................1000VDC min.
Output to Case .................................................................1000VDC min.
Isolation Resistance ...................................................................10G
min.
Isolation Capacitance............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............................... -40°C ~ +85°C (with derating)
Storage Temperature .........................................................-55°C ~ +125°C
Maximum Case Temperature ............................................................105°C
Relative Humidity ................................................................ 5% to 95% RH
Thermal Impedance (See Note 8)
Natural Convection.............................................................18.2°C / Watt
Natural Convection with heat-sink ......................................15.8°C / Watt
Thermal Shock................................................................... MIL-STD-810F
Vibration.............................................................................. MIL-STD-810F
Temperature Coefficient.................................................. ±0.02% / °C max.
MTBF (See Note 1)
BELLCORE TR-NWT-000332 ..................................... 1.330 x 10
6 hours
MIL-HDBK-217F.......................................................... 5.630 x 10
5 hours
PHYSICAL SPECIFICATIONS
Weight ..................................................................................................15g
Dimensions ........................ 1.0 x 1.0 x 0.39 inches (25.4 x 25.4 x 9.9 mm)
Case Material.............................................................Nickel-coated copper
Base Material ...............................................................................FR4 PCB
Potting Material ................................................................Epoxy (UL94-V0)
Shielding .................................................................................... six – sided
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 9).................. EN55022............................................. Class A
ESD ............... EN61000-4-2……..
.............Perf. Criteria B
Radiated Immunity ............. EN61000-4-3 .............. 10V/m Perf. Criteria A
Fast Transient (See Note 10) ..........EN61000-4-4 ...... ±2KV Perf. Criteria A
Surge (See Note 10) ............. EN61000-4-5 ............. ±0.5KV Perf. Criteria A
Conducted Immunity .......... EN61000-4-6 .............. 3Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Telecom/Datacom
● Wireless Networks
● Industry Control Systems
● Semiconductor Equipment
Air
± 8KV
Contact ± 6KV


Similar Part No. - JFC

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Wall Industries,Inc.
JFC WALL-JFC Datasheet
720Kb / 11P
Six-Sided Shielding
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
JFC050C1 MACOM-JFC050C1 Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
JFC075C MACOM-JFC075C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
More results

Similar Description - JFC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
DM WALL-DM Datasheet
162Kb / 3P
15 Watt DC/DC Converter
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
15 Watt DC/DC Converter
logo
AIMTEC
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com