Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JFC
Description  15 Watt DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JFC Datasheet HTML 1Page - Wall Industries,Inc. JFC Datasheet HTML 2Page - Wall Industries,Inc. JFC Datasheet HTML 3Page - Wall Industries,Inc. JFC Datasheet HTML 4Page - Wall Industries,Inc. JFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFC Series
Single & Dual Outputs
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
Rev D
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the figure above are as follows:
HEAT SINK OPTION
C1
C2
C3
C4 & C5
L1
JFC12xxx-xxxx
10µF/25V
N/A
10µF/25V
470pF/2KV
145µH
Common Choke
JFC24xxx-xxxx
6.8µF/50V
N/A
6.8µF/50V
470pF/2KV
325µH
Common Choke
JFC48xxx-xxxx
2.2µF/100V 2.2µF/100V
2.2µF/100V 1000pF/2KV
325µH
Common Choke
JFC
SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com