Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8987 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 59Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Production Data
WM8987L
w
PD Rev 4.0 August 2008
57
For interfacing to a microphone, the ALC function should be enabled and the microphone boost
switched on. Microphones held close to a speaker’s mouth would normally use the 13dB gain setting,
while tabletop or room microphones would need a 29dB boost.
The recommended application circuit is shown above. R1 and R2 form part of the biasing network
(refer to Microphone Bias section). R1 connected to MICBIAS is necessary only for electret type
microphones that require a voltage bias. R2 should always be present to prevent the microphone
input from charging to a high voltage which may damage the microphone on connection. R1 and R2
should be large so as not to attenuate the signal from the microphone, which can have source
impedance greater than 2kOhm. C1 together with the source impedance of the microphone and the
WM8987L input impedance forms an RF filter. C2 is a DC blocking capacitor to allow the microphone
to be biased at a different DC voltage to the MICIN signal.
LINE INPUT CONFIGURATION
When LINPUT1/RINPUT1 or LINPUT2/RINPUT2 are used as line inputs, the microphone boost and
ALC functions should normally be disabled.
In order to avoid clipping, the user must ensure that the input signal does not exceed AVDD. This
may require a potential divider circuit in some applications. It is also recommended to remove RF
interference picked up on any cables using a simple first-order RC filter, as high-frequency
components in the input signal may otherwise cause aliasing distortion in the audio band. AC signals
with no DC bias should be fed to the WM8987L through a DC blocking capacitor, e.g. 1
µF.
MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS
To minimise any pop or click noise when the system is powered up or down, the following procedures
are recommended.
POWER UP
•
Switch on power supplies. By default the WM8987L is in Standby Mode, the DAC is
digitally muted and the Audio Interface and analogue outputs are all OFF (DACMU = 1
Power Management registers 1 and 2 are all zeros).
•
Enable VMID and VREF.
•
Enable DACs as required
•
Enable line and / or headphone output buffers as required.
•
Set DACMU = 0 to soft-un-mute the audio DACs.
POWER DOWN
•
Set DACMU = 1 to soft-mute the audio DACs.
•
Disable all output buffers.
•
Switch off the power supplies.
POWER MANAGEMENT EXAMPLES
POWER MANAGEMENT (1)
POWER MANAGEMENT (2)
PGAs
ADCs
DACs
Output Buffers
OPERATION MODE
Low-Power Standby
10
1
0
0
0
0
0
0
0
0
0
0
0
0
0
BTL Headset Stereo Playback
01
1
0
0
0
0
0
1
1
1
1
1
1
1
1
BTL Headset Phone Call
01
1
1
0
1
0
1
1
1
0
1
1
1
1
1
Single-ended Headset Stereo Playback
01
1
0
0
0
0
0
1
1
1
0
1
1
0
0
Single-ended Headset Phone Call
01
1
1
0
1
0
1
1
1
0
0
1
1
0
0
Single-ended Headset Stereo Playback
(capless)
01
1
0
0
0
0
0
1
1
1
0
1
1
0
1
Single-ended Headset Phone Call
(capless)
01
1
1
0
1
0
1
1
1
0
0
1
1
0
1
Table 46 Example Register Settings for Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com