Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8987 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Production Data
WM8987L
w
PD Rev 4.0 August 2008
19
MONO MIXING
The stereo ADC can operate as a stereo or mono device, or the two channels can be mixed to mono,
either in the analogue domain (i.e. before the ADC) or in the digital domain (after the ADC).
MONOMIX selects the mode of operation. For analogue mono mix either the left or right channel
ADC can be used, allowing the unused ADC to be powered off or used for a dc measurement
conversion. The user also has the flexibility to select the data output from the audio interface using
DATSEL. The default is for left and right channel ADC data to be output, but the interface may also
be configured so that e.g. left channel ADC data is output as both left and right data for when an
analogue mono mix is selected.
Note:
If DC measurement is selected this overrides the MONOMIX selection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
ADC input
Mode
7:6
MONOMIX
[1:0]
00
00: Stereo
01: Analogue Mono Mix (using left ADC)
10: Analogue Mono Mix (using right ADC)
11: Digital Mono Mix
Table 6 Mono Mixing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
3:2
DATSEL
[1:0]
00
00: left data=left ADC; right data =right ADC
01: left data =left ADC; right data = left ADC
10: left data = right ADC; right data =right
ADC
11: left data = right ADC; right data = left
ADC
Table 7 ADC Data Output Configuration
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The output can be enabled or disabled
using the MICB control bit (see also the “Power Management” section).
REGISTER
ADDRESS
BIT
LABEL DEFAULT
DESCRIPTION
R25 (19h)
Power
Management (1)
1
MICB
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 8 Microphone Bias Control
The internal MICBIAS circuitry is shown below. Note that this is a maximum source current capability
for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit the
MICBIAS current to 3mA.
AGND
MICBIAS
= 1.8 x VMID
= 0.9 X AVDD
VMID
internal
resistor
internal
resistor
MICB
Figure 8 Microphone Bias Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com