Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8987 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Production Data
WM8987L
w
PD Rev 4.0 August 2008
33
ANALOGUE OUTPUTS
ROUT1 OUTPUT
ROUT1 is the non-inverting left-channel output for BTL headsets (see page 54). It can drive 16
Ω or
32
Ω transducer loads. The ROUT1 signal volume can be adjusted under software control by writing
to ROUT1VOL. Note that gains over 0dB may cause clipping if the signal is large. Any gain setting
below 0101111 (minimum) mutes the output driver. The ROUT1 pin then remains at the same DC
level (the reference voltage on the VREF pin), so that no click noise is produced when muting or un-
muting.
A zero cross detect on the analogue output may also be enabled when changing the gain setting to
minimize audible clicks and zipper noise as the gain updates. A timeout is also available to update
the gain in the case that zero cross detection is enabled but no zero crossing occurs. This function
may be enabled by setting TOEN in register R23 (17h).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
RO1VU
0
ROUT1VOL Update
For any change to ROUT1VOL to take
effect, write ‘1’ to this bit.
7
RO1ZC
0
Right zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R3 (03h)
ROUT1
Volume
6:0
ROUT1VOL
[6:0]
1111001
ROUT1 Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
Table 25 ROUT1 Volume Control
LOUT2/ROUT2 OUTPUTS
LOUT2 and ROUT2 are analogue output pins similar to ROUT1. For BTL headsets, LOUT2 is the
non-inverting left output and ROUT2 the inverting right output (with ROUT2INV=1); for single-ended
headsets, LOUT2 is the left output and ROUT2 the right output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LOUT2VOL
[6:0]
1111001
(0dB)
LOUT2 volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
7
LO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R40 (28h)
LOUT2
Volume
8
LO2VU
0
LOUT2 Volume Update
0 = Store LOUT2VOL in intermediate
latch (no gain change)
1 = Update gain for both channels
(left=LOUT2VOL, right=from
intermediate latch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com