Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM708T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM708T Datasheet HTML 4Page - STMicroelectronics STM708T Datasheet HTML 5Page - STMicroelectronics STM708T Datasheet HTML 6Page - STMicroelectronics STM708T Datasheet HTML 7Page - STMicroelectronics STM708T Datasheet HTML 8Page - STMicroelectronics STM708T Datasheet HTML 9Page - STMicroelectronics STM708T Datasheet HTML 10Page - STMicroelectronics STM708T Datasheet HTML 11Page - STMicroelectronics STM708T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Pin descriptions
STM706T/S/R, STM706P, STM708T/S/R
8/32
Doc ID 10518 Rev 12
2
Pin descriptions
2.1
MR
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active low input has an internal pull-up. It can be
driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
2.2
WDI
If WDI remains high or low for 1.6 s, the internal watchdog timer runs out and reset (or
WDO) is triggered. The internal watchdog timer clears while reset is asserted or when WDI
sees a rising or falling edge.
The watchdog function can be disabled by allowing the WDI pin to float.
2.3
WDO
WDO goes low when a transition does not occur on WDI within 1.6 s, and remains low until
a transition occurs on WDI (indicating the watchdog interrupt has been serviced) or MR
input is asserted (goes low). WDO also goes low when VCC falls below the reset threshold;
however, unlike the reset output, WDO goes high as soon as VCC exceeds the reset
threshold. Output type is push-pull.
Note:
For those devices with a WDO output, a watchdog timeout will not trigger reset unless WDO
is connected to MR.
2.4
RST
Pulses low for trec when triggered, and stays low whenever VCC is below the reset
threshold or when MR is a logic low. It remains low for trec after either VCC rises above the
reset threshold, the watchdog triggers a reset, or MR goes from low to high.
2.5
RST
Pulses high for trec when triggered, and stays high whenever VCC is above the reset
threshold or when MR is a logic high. It remains high for trec after either VCC falls below the
reset threshold, the watchdog triggers a reset, or MR goes from high to low.
2.6
PFI
When PFI is less than VPFI, PFO goes low; otherwise, PFO remains high. Connect to
ground if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com