Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708T Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM708T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM708T Datasheet HTML 5Page - STMicroelectronics STM708T Datasheet HTML 6Page - STMicroelectronics STM708T Datasheet HTML 7Page - STMicroelectronics STM708T Datasheet HTML 8Page - STMicroelectronics STM708T Datasheet HTML 9Page - STMicroelectronics STM708T Datasheet HTML 10Page - STMicroelectronics STM708T Datasheet HTML 11Page - STMicroelectronics STM708T Datasheet HTML 12Page - STMicroelectronics STM708T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Pin descriptions
Doc ID 10518 Rev 12
9/32
2.7
PFO
When PFI is less than VPFI, PFO goes low; otherwise, PFO remains high. Output type is
push-pull. PFO pin is not supposed to be forced low by a processor. MR input is gated off
during the period PFO is forced low. Leave open if unused.
Figure 7.
Block diagram (STM706T/S/R and STM706P)
1.
For STM706P only.
Table 3.
Pin description
Pin
Name
Function
STM706P
STM706T/S/R
STM708T/S/R
SO8
TSSOP8
SO8
TSSOP8
SO8
TSSOP8
1
3
1
3
1
3
MR
Push-button reset input
6
8
6
8
—
—
WDI
Watchdog input
8
2
8
2
—
—
WDO
Watchdog output (push-pull)
—
—
7
1
7
1
RST
Active low reset output
7
1
—
—
8
2
RST
Active high reset output
2
4
2
4
2
4
VCC
Supply voltage
4
6
4
6
4
6
PFI
Power-fail input
5
7
5
7
5
7
PFO
Power-fail output (push-pull)
3
5
3
5
3
5
VSS
Ground
—
—
—
—
6
8
NC
No connect
AI08829
WATCHDOG
TIMER
VRST
WDI
transitional
detector
COMPARE
COMPARE
trec
generator
VPFI
VCC
VCC
PFI
MR
WDI
RST (RST)
(1)
PFO
WDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com