Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708T Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM708T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM708T Datasheet HTML 21Page - STMicroelectronics STM708T Datasheet HTML 22Page - STMicroelectronics STM708T Datasheet HTML 23Page - STMicroelectronics STM708T Datasheet HTML 24Page - STMicroelectronics STM708T Datasheet HTML 25Page - STMicroelectronics STM708T Datasheet HTML 26Page - STMicroelectronics STM708T Datasheet HTML 27Page - STMicroelectronics STM708T Datasheet HTML 28Page - STMicroelectronics STM708T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
DC and AC parameters
Doc ID 10518 Rev 12
25/32
Reset thresholds
VRST
Reset threshold(3)
STM706P/70xR
2.55
2.63
2.70
V
STM70xS
2.85
2.93
3.00
V
STM70xT
3.00
3.08
3.15
V
Reset threshold
hysteresis
20
mV
trec
RST pulse width
Blank (see Table 9)
140
200
280
ms
A(4) (see Table 9)
160
200
280
Push-button reset input
tMLMH
(or tMR)
MR pulse width
VRST (max.) < VCC < 3.6 V
500
ns
4.5 V < VCC < 5.5 V
150
ns
tMLRL
(or tMRD)
MR to RST output delay
VRST (max.) < VCC < 3.6 V
750
ns
4.5 V < VCC < 5.5 V
250
ns
Watchdog timer (STM706T/S/R and STM706P)
tWD
Watchdog timeout period
STM706P/70xR,
VCC = 3.0 V
1.12
1.60
2.24
s
STM70xS/70XT,
VCC = 3.3 V
WDI pulse width
4.5 V < VCC < 5.5 V
50
ns
VRST (max.) < VCC < 3.6 V
100
ns
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = VRST (max.) to 5.5 V (except where noted).
2.
VCC (min) = 1.0 V for TA = 0 °C to +85 °C.
3.
For VCC falling.
4.
STM706P/STM70xR device, VCC = 3 V; STM706xS/STM70xT device, VCC = 3.3 V.
Table 6.
DC and AC characteristics (continued)
Symbol
Description
Test condition(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com