Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
E2C/E2C-H
Connections between Amplifier Unit and Sensor
E2C-G
@4A
E2C-JC4A
E2C-JC4AP
E2C-WH4A
E2C-AK4A
E2C-AM4A
E2C-JC4
@H
9
12
13 14
1
4
5
8
12 to 24 VDC
E2C-GE4A: NPN output
E2C-GF4A: PNP output
Shield
Line
Applicable Socket:
PYF08A
Proximity Sensor
Shield
Proximity Sensor
Brown
Black
Blue
10 to 30 VDC
NPN open-
collector output
0 V
* OFF-delay timer setting
If the OFF-delay operation terminals are shorted,
a 40-ms OFF-delay timer will start.
OFF-delay operation terminal*
Line
Proximity Sensor
Brown
Black
Blue
Orange
10 to 30 VDC
NPN open-
collector output
0 V
Self-diagnostic
output
* Sensor Cable Length Compensation
These terminals can be use to switch the
cable length.
Terminals shorted: 1 to 3 m
Terminals open: 3 to 5 m
Sensor cable length
compensation terminals*
Shield
Line
3
4
1
2
7
8
5
6
0 V 12 to 24 VDC
PNP
Output
NPN
output
Shield
Proximity Sensor
Line
10 11
1
3
2
4
5
6
7
9
8
(+)
(
−)
Tc Ta Tb
100 to 240 VAC
Proximity Sensor
Transistor/photocoupler
output
Relay output
Applicable Socket:
P2CF-11
Shield
Line
78
12
3
4
5
6
0 V 12 to
24 VDC
Proximity Sensor
Applicable Socket:
P2CF-08
Shield
Line
NPN
output
PNP
Output
Shield
Line
Sensor
Brown
Black
Blue
10 to 30 VDC
NPN open-
collector output
0 V
Note: Characteristics will change if the cable length
changes. Do not cut or extend the cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com