Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
E2C/E2C-H
15
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the Encoder under ambient conditions that exceed the
ratings.
● Design
Influence of Surrounding Metal
When mounting the Sensor within a metal panel, ensure that the
clearances given in the following table are maintained. Failure to
maintain these distances may cause deterioration in the performance
of the Sensor.
Influence of Surrounding Metal
(Unit: mm)
Note: Values in parentheses for diameter d are the outer diameters of Shielded
Models.
Mutual Interference
When installing Sensors face-to-face or side-by-side, ensure that the
minimum distances given in the following table are maintained.
Mutual interference can be prevented by using the cable length
compensation switch, but doing so will also change coil
characteristics. Specifications such as temperature specifications
and sensing distance, may not be sufficiently met, so always check
operation before actual application.
This method cannot be used for the E2C-G
@4A, E2C-JC4A, E2C-
C20MA.
Mutual Interference (Unit: mm)
Note: The above values are for a differential travel setting of 5%.
Mounting
• Do not use excessive force when tightening the nuts on the E2C-X
and E2C-C20MA. A washer must be used with the nut.
Note: The above leeways in tighten torque assume that a toothed washer is
being used.
• Mounting Unthreaded Cylindrical Models
When using a set screw, tighten it to a torque of 0.2 N·m max.
WARNING
Precautions for Correct Use
Model
Distance
l
d
D
m
E2C-CR8
0
(3.5)
0
2.4
E2C-X1A
(5)
3
E2C-C1A
(5.4)
E2C-X1R5A(H)
(8)
4.5
E2C-X2A(H)
(12)
6
E2C-X5A(H)
(18)
15
E2C-X10A
(30)
30
E2C-C20MA
25
120
40
60
Model
Distance
A
B
E2C-CR8
20
15
E2C-X1A
E2C-C1A
E2C-X1R5A(H)
E2C-X2A(H)
30
20
E2C-X5A(H)
50
35
E2C-X10A
100
70
E2C-C20MA
300
200
m
D
d dia.
l
A
B
Model
Torque
E2C-X1A
0.98 N·m
E2C-X1R5A(H)
2.0 N·m
E2C-X2A(H)
5.9 N·m
E2C-X5A(H)
15 N·m
E2C-X10A
39 N·m
E2C-C20MA
15 N·m
7 to 11.5 mm
Dimpled end of
set screw (M3)
Y92E-F3R5 Mounting Bracket
(for 3.5 dia.) (Order Separately)
The Y92E-F5R4 (for 5.4 dia.)
is also sold separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com