Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC P2CF-08 Datasheet HTML 21Page - Omron Electronics LLC P2CF-08 Datasheet HTML 22Page - Omron Electronics LLC P2CF-08 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
E2C/E2C-H
19
Amplifier Units
Applicable Sockets
(Sold Separately)
• PYF08A
Hold-down Clip
• PYC-A1
E2C-GE4A
E2C-GF4A
1.5
27.2
20.7
5.4
35.5
Detection indicator (red)
Applicable Sockets
(Sold Separately)
For E2C-AK4A (11-pin)
• P2CF-11
• P3GA-11
For E2C-AM4A (8-pin)
• P2CF-08
• P3G-08
E2C-AK4A (11-pin)
E2C-AM4A (8-pin)
84.7
14.2
(7)
63.5
6
3.5
44.8
× 44.8
48
× 48
Stability indicator (green)
Detection indicator (red)
58
40± 0.1
11.8± 0.1
13± 0.1
3.5± 0.1
6.1+0.1
-0
3.1+0.1
-0
6.2
3
Two, R1.65
4-R1
3.3
2
3.3 dia.
R1.55
M3
3.5
1
(4)
12
30
14
5
R1.65
11.5
40
±0.2
43
±0.2
3.3
4
2
5
(10)
Two,
3.3 dia.
3.3 dia.
50
60
M2.6
Mounting Bracket (Iron)
Caution Label (Provided)
attachment location*
Terminal (four, M2.6)
Mounting Bracket
* After completing adjustments, attach the caution label to prevent adjustment mistakes.
Stability indicator (green)
Detection indicator (red)
4-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section:
0.2 mm
2, Insulation diameter: 1.2 mm),
Standard length: 2 m
Mounting Bracket Installation
E2C-JC4A
35
27
R1.7
11
(11.1)
2
16± 0.2
3.4
3
2
5.5
6
12
2.5
3.5
14
Two. 3.3 dia.
30
10
5
(10)
M2.6
60
43
50
Mounting Bracket (Iron)
Mounting Bracket (removable)*2
Cable*3
*1. After completing adjustments, attach the caution label to prevent adjustment mistakes.
*2. Not required when mounting to DIN Track.
*3: 4.5-dia. vinyl-insulated round cable with 4 conductors (Conductor cross section: 0.2 mm
2, Insulator diameter: 1.2 mm), Standard length: 2 m
Stability indicator
(green)
Detection indicator (red)
Timer switch
Mode selector
Caution Label (Provided)
attachment location*1
Sensitivity adjuster
Mounting Bracket Installation
E2C-JC4AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com