Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R161 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
MicroSmart Series
27
Programmable Logic Controllers
Communication Port (RS232C Port 1)
Model
Slim CPU
All-in-One CPU
Standards
EIA RS232C
Maximum Baud Rate
FC5A: 57,600 bps (maintenance communication)
FC4A: 19,200 bps (maintenance communication)
Maintenance Communication
Possible
User Communication
Possible
Modem Communication
N/A
Data Link
N/A
Cable
Special cable (FC2A-KC4C, FC2A-KP1C, FC4A-KC1C, FC4A-KC2C)
Isolation between Internal Circuit and Communication Port
Not isolated
Input Specifications
Part Number
FC5A-D16RK1
FC5A-D16RS1
FC5A-D32K3
FC5A-D32S3
FC5A-C10R2
FC5A-C10R2C
FC5A-C16R2
FC5A-C16R2C
FC5A-C24R2
FC5A-C24R2C
FC4A-D20K3
FC4A-D20S3
FC4A-D20RK1
FC4A-D20RS1
FC4A-D40K3
FC4A-D40S3
FC4A-C10R2
FC4A-C10R2C
FC4A-C16R2
FC4A-C16R2C
FC4A-C24R2
FC4A-C24R2C
Input Points
12
(12/1 common)
8
(8/1 common)
12
(12/1 common)
16
(8/1 common)
24
(12/1 common)
6
(6/1 common)
9
(9/1 common)
14
(14/1 common)
Input Voltage
24V DC sink/source input signal
Input Voltage Range
20.4 to 26.4V DC
20.4 to 28.8V DC
Input Current
FC5A I0, I1, I3, I4, I6, I7: 4.5mA/point (24V DC)
I2, I5, I10 to I17:
7mA/point (24V DC)
FC4A I0, I1, I6, I7:
5mA/point (24V DC)
I2 to I5, I10 to I27: 7mA/point (24V DC)
FC5A I0 and I1:
6.4mA/point
I2 to I7, I10 to I15: 7mA/point (24V DC)
FC4A I0 and I1:
11mA
I2 to I7, I10 to I15: 7mA/point (24V DC)
Input Impedance
FC5A
I0, I1, I3, I4, I6, I7:
4.9kΩ
I2 to I5, I10 to I17:
3.4kΩ
FC4A
I0, I1, I6, I7:
5.7kΩ
I2 to I5, I10 to I17:
3.4kΩ
FC5A
I0 and I1:
3.7kΩ
I2 to I7, I10 to I15:
3.4kΩ
FC4A
I0 and I1:
2.1kΩ
I2 to I7, I10 to I15:
3.4kΩ
Turn ON Time
FC5A I0, I1, I3, I4, I6, I7: 5μs + filter value
I2 and I5:
35μs + filter value
I10 to I17:
40μs + filter value
FC4A I0, I1, I6, I7:
35μs + filter value
I2 to I5:
35μs + filter value
I10 to I27:
40μs + filter value
FC5A I0 and I1:
2μs + filter value
I2 to I7:
35μs + filter value
I6, I7, I10 to I15:
40μs + filter value
FC4A I0 and I1:
35μs + filter value
I2 to I5:
35μs + filter value
I6, I7, I10 to I15:
40μs + filter value
Turn OFF Time
FC5A I0, I1, I3, I4, I6, I7:
5μs + filter value
I2 and I5:
150μs + filter value
I10 to I17:
150μs + filter value
FC4A I0, I1, I6, I7:
45μs + filter value
I2 to I5:
150μs + filter value
I10 to I27:
150μs + filter value
FC5A I0 and I1:
16μs + filter value
I2 to I7:
150μs + filter value
I6, I7, I10 to I15:
150μs + filter value
FC4A I0 and I1:
45μs + filter value
I2 to I5:
150μs + filter value
I6, I7, I10 to I15:
150μs + filter value
Connector
On Mother Board
FL26A2MA
(Oki Electric
Cable)
MC1.5/18-G-3.81BK
(Phoenix Contact)
FL26A2MA
(Oki Electric Cable)
Insertion Durability
100 times minimum
Isolation
Between input terminals: Photocoupler isolated
Internal circuit: Not isolated
Input
Type 1 (IEC61131-2)
External Load for I/O
Interconnection
Not needed
Single Determination Method
Static
Effect of Improper Input
Connection
Both sinking and sourcing input signals can be connected.
If any input exceeding the rated value is applied, permanent damage may be caused.
Cable Length
3 m in compliance with electromagnetic immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com