Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R161 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MicroSmart Series
30
Programmable Logic Controllers
Communication Adapter/Module
Part Number
FC4A-PC1
FC4A-HPC1
FC4A-PC2
FC4A-HPC2
FC4A-PC3
FC4A-HPC3
Standards
EIA RS232C
EIA RS485
EIA RS485
Maximum Baud Rate
FC5A: 57600bps
FC4A: 19200bps
FC5A: 57600bps
FC4A: 19200bps
FC5A: 57600bps
FC4A: 19200bps
(38400 bps 1)
Maintenance
Communication
Possible
Possible
Possible
User Communication
Possible
Possible 2
Data Link Communi-
cation
Possible
Half-duplex Com-
munication
Possible
Maximum Cable
Length
Special cable 3
Special cable 4
200 m
Quantity of Slave
Stations
——31
Isolation between
Internal Circuit and
Communication Port
Not isolated
Recommended Cable
for RS485
Twisted-pair
shielded cable
with a minimum
core wire of 0.3
mm2
Conductor Resistance
85Ω/km maximum
Shield Resistance
20Ω/km maximum
1. Maximum speed when data link is used.
2. FC5A (all types), FC4A-D20RK1, FC4A-D20RS1,
FC4A-D40K3, FC4A-D40S3
3. FC2A-KC4C, FC2A-KM1C, FC4A-KC1C, FC4A-KC2C,
FC2A-KP1C
4. FC2A-KP1C
HMI Module (Optional)
Part Number
FC4A-PH1
Power Voltage
5V DC (supplied from the CPU module)
Weight
20g
Memory Cartridge Specifications (Optional)
Part Number
FC4A-PM32
FC4A-PM64
Memory
EEPROM
Accessible Memory
Capacity
32 KB
64 KB
Hardware for Storing
Data
CPU Module
Software for Storing
Data
WindLDR
Quantity of Stored
Programs
One user program can be stored on one memory cartridge
Clock Cartridge (Optional)
Part Number
FC4A-PT1
Accuracy
±30 sec/month (typical) at 25ºC
Backup Duration
Approx. 30 days (typical) at 25ºC after backup battery fully
charged
Battery
Lithium secondary battery
Charging Time
Approx. 10 hours for charging from 0% to 90% of full
charge
Replaceability
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com