Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R161 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
MicroSmart Series
28
Programmable Logic Controllers
Transistor Sink and Source Output
Part Number
FC5A-D16RK1
FC5A-D16RS1
FC5A-D32K3
FC5A-D32S3
FC4A-D20RK1
FC4A-D20RS1
FC4A-D40K3
FC4A-D40S3
Output Points
2 (2/1 com-
mon)
2 (2/1 com-
mon)
16 (8/1 com-
mon)
Output
Transistor Sink
FC5A-D16K1/D32K3
FC4A-D20K3/D20RK1/D40K3
Transistor Source
FC5A-D16RS1/D32S3
FC4A-D20S3/D20RS1/D40S3
Load Voltage
24V DC
Operating Load Voltage Range
20.4 to 28.8V DC
Load Current
0.3A per output point
Maximum Load Current
1A per common
Voltage Drop (ON Voltage)
1V maximum (voltage between COM and output
terminals when output is on)
Inrush Current
1A
Leakage Current
0.1mA maximum
Clamping Voltage
39V±1V
Maximum Lamp Load
8W
Inductive Load
L/R = 10ms (28.8V DC, 1 Hz)
External Current Draw
Sink output: 100mA maximum, 24V DC
(power voltage at the +V terminal)
Source output: 100mA maximum, 24V DC
(power voltage at the –V terminal)
Isolation
Between output terminal and internal circuit:
Photocoupler isolated
Between output terminals: Not isolated
Connector on Mother Board
FL26A2MA
(Oki Electric
Cable)
MC1.5/16-G-
3.81BK
(Phoenix
Contact)
FL26A2MA
(Oki Electric
Cable)
Connector Insertion/
Removal Durability
100 times minimum
Output
Delay
Turn ON Time
FC5A Q0 to Q2:
5μs max.
Q3 to Q7, Q10 to Q17: 300μs max.
FC4A Q0, Q1: 5μs max.
Q2 to Q7, Q10 to Q17: 300μs max.
Turn OFF Time
FC5A Q0 to Q2:
5μs max.
Q3 to Q7, Q10 to Q17: 300μs max.
FC4A Q0, Q1:
5μs max.
Q2 to Q7, Q10 to Q17: 300μs max.
Relay Output
Part Number
FC5A-C10R2
FC5A-C10R2C
FC5A-C16R2
FC5A-C16R2C
FC5A-C24R2
FC5A-C24R2C
FC5A-D16RK1
FC5A-D16RS1
FC4A-C10R2
FC4A-C10R2C
FC4A-C16R2
FC4A-C16R2C
FC4A-C24R2
FC4A-C24R2C
FC4A-D20RK1
FC4A-D20RS1
No. of Outputs
4
7
10
8
Output
Points per
Common
Line
COM0
3
4
4
2
(Transistor
output)
COM1
1
2
4
3
COM2
1
1
2
COM3
1
1
Output
1 NO form A
Maximum Load
Current
2A per point
8A per common line
Minimum Switching
Load
0.1mA/0.1V DC (reference value)
Initial Contact
Resistance
30 mΩ maximum
Electrical Life
100,000 operations minimum
(rated load 1,800 operations/hour)
Mechanical Life
20,000,000 operations minimum
(no load 18,000 operations/hour)
Rated Load
240V AC/2A (resistive load, inductive load cos ø = 0.4)
30V DC/2A (resistive load, inductive load L/R =7ms)
Dielectric Strength
Between output and
terminals: 1,500V AC, 1 minute
Between output terminal and internal circuit: 1,500V AC, 1 minute
Between output terminals (COMs): 1,500V AC, 1 minute
Connector on
Mother Board
—*
Connector
Insertion/Removal
Durability
100 times
minimum
*MC1.5/16-G-3.81BK (Phoenix Contact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com