Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20L Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD Conditions
fSYS1
System Clock
1.5V
¾¾
32768
¾
Hz
fTIMER Timer I/P Frequency (TMR)
1.5V
¾
0
¾
32768 Hz
tRES
External Reset Low Pulse Width
¾¾
100
¾¾
ms
tSST
System Start-up Timer Period
¾¾
¾
8192
¾
tSYS
tINT
Interrupt Pulse Width
1.5V
¾
100
¾¾
ms
tRIS
Power Supply Rise Time
¾
Power-up
¾¾
1s
tLVD
Low Voltage Detector Response Time 1.5V
¾
200
¾¾
ms
fAD
A/D Converter Frequency
1.5V
¾¾
¾
500
kHz
Note: tSYS=1/fSYS
HT47C20L
8
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com