Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT814D0 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT814D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HT814D0
6
March 15, 2000
The oscillator is turned on when triggered by a
key input. After playing, it is turned off and the
chip goes into the standby state.
Voice ROM
The voice ROM is originally designed to continu-
ously record the 8.4-second voice data at a 6kHz
sampling rate. A higher sampling rate will gener-
ate voices of better playback quality, but will
shorten the total recording time. On the other
hand, a lower sampling rate will result in longer
recording time but sacrifice voice quality.
The playback time can be significantly extended
by making use of coding efficiency, silence play-
ing, section repeating, section cascade.
Section
Section is the basic element constituting the
contents of voice ROM. During programming,
the customer¢s voice sources can be divided into
as many sections as required. A section can be
composed of a voice or an interval of silence.
However, the silence length is not counted in
the voice ROM. The total number of sections in-
cluded should be less than 508 due to the space
limitation of the function table ROM. The total
length of the included sections is limited by the
voice ROM.
A section, when triggered by a key input, can be
played once, repeatedly or cascaded with other
sections, depending on the key function table
instructions.
The following are examples of section division:
In addition, a section can be set as retriggerable
or non-retriggerable depending on the code op-
tion.
· Retriggerable
When the currently playing section is set as
retriggerable, it will stop immediately upon
receipt of other key inputs.
· Non-retriggerable
When the currently playing section is selected
as non-retriggerable, it will go on playing till
the whole section is completed, whether or not
there is a key input in the process of playing.
For a key group, some sections can be set as
retriggerable and some as non-retriggerable.
When a retriggerable section of a key group is
playing, any key can be triggered to interrupt
its playing. On the other hand, if a
non-retriggerable section is playing, any key in-
terrupt is invalid.
OS C 1
OS C 2
H T 814D 0
R OS C
se c. 2
s e c . N
se c. 1
se c. 1
s e c . 2
se c. 3
se c. 1
RO M
RO M
RO M
E x am pl e 1: O n e s ec t i on o nl y
E x am pl e 2: 3 s e c t i on di v i s i on
E x am pl e 3 : N s ec t i o n d i v i s i o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com