Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT814D0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT814D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.0
V
IDD
Operating Current
3V No load
¾
200
400
mA
ISTB
Standby Current
3V
¾¾
13
mA
IO
Max. AUD Output Current
3V VOH=0.6V
-1.5
-2
¾
mA
IOL
FLAG Sink Current
3V VOL=0.3V
1.5
3.0
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillating Frequency
3V ROSC=530kW
76
96
116
kHz
HT814D0
5
March 15, 2000
Functional Description
The HT814D0 is a mask ROM type voice synthe-
sizer with 8.4-second voice capacity. A group of
pre-recorded voice sections is played upon receipt
of key trigger input signals. Two FLAG outputs
send signals are while playing voices.
The 8.4-second voice capacity can be divided into
sections of arbitrary length. Notice that the si-
lence length and end-pulse width are not in-
cluded in the memory.
By using Holtek¢s programming tools, the con-
tents and arrangement of sections, as well as
key features and FLAG output are all program-
mable before device fabrication.
The IC provides 12 key inputs (KEY1~KEY12).
Of the 12 keys, KEY1 can be optioned as a di-
rect, sequential or random trigger key. KEY12
can be selected as a stop or direct key. The re-
maining 10 keys (KEY2~KEY11) are used as di-
rect keys exclusively.
Play function block diagram
System oscillator
The HT814D0 has a built-in RC oscillator
which requires only one external resistor for
normal applications. The oscillator frequency is
typically 96kHz for an external resistor of
530kW. The required oscillator frequency may
vary with different sampling rates in the process
of voice programming. As a result, the values of
the oscillator resistor may be different for different
items.
Ke y
t ri gger
Ke y
f eat ures
opt i o n
Ke y
f unc t i on
t abl e
RO M
Vo i c e
RO M
D/ A
P l ay c on t rol l ogi c
Fl a g
out p u t
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com