Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT814D0 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT814D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Assignment
Chip size: 2270 ´ 2450 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit: mm
Pad No.
X
Y
Pad No.
X
Y
1
-914.500
1023.050
11
912.800
526.250
2
-914.500
879.650
12
912.800
664.850
3
-914.500
689.050
13
912.800
860.250
4
-987.900
-1048.550
14
912.800
1003.850
5
-254.600
-1022.050
15
709.500
974.350
6
-18.900
-1022.050
16
179.200
974.350
7
411.900
-1022.050
17
22.000
974.350
8
674.700
-1022.050
18
-156.400
974.350
9
806.100
-1052.650
19
-734.200
974.350
10
937.900
-1022.050
HT814D0
3
March 15, 2000
KEY1 0
KEY1 1
KEY1 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
(0 , 0 )
VD D
KEY1
KEY2
KE Y3
KEY4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com