Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7985ATR Datasheet(PDF) 11 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 7Page - STMicroelectronics A7985ATR Datasheet HTML 8Page - STMicroelectronics A7985ATR Datasheet HTML 9Page - STMicroelectronics A7985ATR Datasheet HTML 10Page - STMicroelectronics A7985ATR Datasheet HTML 11Page - STMicroelectronics A7985ATR Datasheet HTML 12Page - STMicroelectronics A7985ATR Datasheet HTML 13Page - STMicroelectronics A7985ATR Datasheet HTML 14Page - STMicroelectronics A7985ATR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID023128 Rev 5
11/44
A7985A
Functional description
44
5.1
Oscillator and synchronization
Figure 4 shows the block diagram of the oscillator circuit. The internal oscillator provides
a constant frequency clock. Its frequency depends on the resistor externally connected to
the FSW pin. If the FSW pin is left floating, the frequency is 250 kHz; it can be increased as
shown in Figure 6 by an external resistor connected to ground.
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the voltage feed-forward is implemented by changing the slope of the sawtooth
according to the input voltage change (see Figure 5.a).
The slope of the sawtooth also changes if the oscillator frequency is increased by the
external resistor. In this way, a frequency feed-forward is implemented (Figure 5.b) in order
to keep the PWM gain constant versus the switching frequency (see Section 6.4 on page 20
for PWM gain expression).
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of
180 ° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pin together. When SYNCH pins are connected, the device with the
higher oscillator frequency works as master, so the slave device switches at the frequency
of the master but with a delay of half a period. This minimizes the RMS current flowing
through the input capacitor (see the L5988D datasheet).
Figure 4. Oscillator circuit block diagram
The device can be synchronized to work at a higher frequency feeding an external clock
signal. The synchronization changes the sawtooth amplitude, changing the PWM gain
(Figure 5.c). This change must be taken into account when the loop stability is studied. To
minimize the change of the PWM gain, the free-running frequency should be set (with
a resistor on the FSW pin) only slightly lower than the external clock frequency. This pre-
adjusting of the frequency changes the sawtooth slope in order to render negligible the
truncation of sawtooth, due to the external synchronization.
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Synchronization
SYNCH
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Clock
Synchronization
SYNCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com