Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7985ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 11Page - STMicroelectronics A7985ATR Datasheet HTML 12Page - STMicroelectronics A7985ATR Datasheet HTML 13Page - STMicroelectronics A7985ATR Datasheet HTML 14Page - STMicroelectronics A7985ATR Datasheet HTML 15Page - STMicroelectronics A7985ATR Datasheet HTML 16Page - STMicroelectronics A7985ATR Datasheet HTML 17Page - STMicroelectronics A7985ATR Datasheet HTML 18Page - STMicroelectronics A7985ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
DocID023128 Rev 5
15/44
A7985A
Functional description
44
This kind of overcurrent protection is effective if the output current is limited. To prevent the
current from diverging, the current ripple in the inductor during the ON-time must not be
higher than the current ripple during the OFF-time. That is:
Equation 4
If the output voltage is shorted, VOUT 0, IOUT = ILIM, D/FSW = TON_MIN, (1-D)/FSW 1/FSW.
So from the above equation the maximum switching frequency that guarantees to limit the
current results:
Equation 5
With RDS(on) = 300 m, DRC = 0.08 , the worst condition is with VIN = 38 V, ILIM = 2.5 A;
the maximum frequency to keep the output current limited during the short-circuit results
74 kHz.
Based on the pulse-by-pulse mechanism, that reduces the switching frequency down to one
eighth, the maximum FSW, adjusted by the FSW pin, that assures a full effective output
current limitation is 74 kHz * 8 = 592 kHz.
If, with VIN = 38 V, the switching frequency is set higher than 592 kHz, during short-circuit
condition the system finds a different equilibrium with higher current. For example, with
FSW = 700 kHz and the output shorted to ground, the output current is limited around:
Equation 6
where FSW* is 700 kHz divided by eight.
VIN V
OUT
RDSON IOUT
DCR IOUT
LFSW
------------------------------------------------------------------------------------------------------------ D
VOUT VF RDSON IOUT
DCR IOUT
++
+
LFSW
-----------------------------------------------------------------------------------------------------------
1D

=
FSW
*
VF DCR I
+
LIM

VIN
RDSON DCR
+
 I
LIM

-------------------------------------------------------------------------------
1
TON_MIN
----------------------
=
IOUT
VIN FSW
*
VF TON_MIN
DRC TON_MIN

RDSON DCR
+
 F
SW
*
+
----------------------------------------------------------------------------------------------------------------
3.68A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com