Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7985ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 17Page - STMicroelectronics A7985ATR Datasheet HTML 18Page - STMicroelectronics A7985ATR Datasheet HTML 19Page - STMicroelectronics A7985ATR Datasheet HTML 20Page - STMicroelectronics A7985ATR Datasheet HTML 21Page - STMicroelectronics A7985ATR Datasheet HTML 22Page - STMicroelectronics A7985ATR Datasheet HTML 23Page - STMicroelectronics A7985ATR Datasheet HTML 24Page - STMicroelectronics A7985ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
DocID023128 Rev 5
21/44
A7985A
Application information
44
In this way the PWM modulator gain results constant and equal to:
Equation 19
The synchronization of the device with an external clock provided through the SYNCH pin
can modify the PWM modulator gain (see Section 5.1 on page 11 to understand how this
gain changes and how to keep it constant in spite of the external synchronization).
Figure 9. The error amplifier, the PWM modulator and the LC output filter
The transfer function on the LC filter is given by:
Equation 20
where:
Equation 21
Equation 22
As seen in Section 5.3 on page 14, two different kinds of network can compensate the loop.
In the two following paragraphs the guidelines to select the Type II and Type III
compensation network are illustrated.
GPW0
VIN
Vs
---------
1
K
----
18
==
=
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
GLC s

1
s
2
 f
zESR
--------------------------
+
1
s
2
 Qf
LC
----------------------------
s
2
 f
LC
-------------------

 2
++
-------------------------------------------------------------------------
=
fLC
1
2
LCOUT
1
ESR
ROUT
---------------
+

------------------------------------------------------------------------
=
fzESR
1
2
 ESR C
OUT

--------------------------------------------
=
Q
ROUT LCOUT ROUT ESR
+


LCOUT ROUT ESR

+
------------------------------------------------------------------------------------------
ROUT
VOUT
IOUT
--------------
=
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com