Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC402S Datasheet(PDF) 10 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 10 Page - 3M Electronics

Back Button SC402S Datasheet HTML 6Page - 3M Electronics SC402S Datasheet HTML 7Page - 3M Electronics SC402S Datasheet HTML 8Page - 3M Electronics SC402S Datasheet HTML 9Page - 3M Electronics SC402S Datasheet HTML 10Page - 3M Electronics SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
3M™ MicroTouch™ Controller RX142 Reference Guide
3M Touch Systems, Inc. Proprietary Information
Figure 1. RX142 Overall Dimensions
Handling and ESD Protection
When mounting the sensor and controller, use normal precautions for handling
electrostatic sensitive devices. The RX142 has internal protection to ±20 kV for ESD air
discharges to the sensor (not to the controller directly) that may occur during normal
operation of the sensor. Refer to Appendix A for further specifications.
Establishing the Data Connection
The RX142 controller requires an RS-232 serial plug and play communication cable
attached to connector JP2. You can use a standard 3M™ MicroTouch™ RS-232 plug and
play cable (P/N 7319630) or an equivalent interconnect. One end of this cable plugs into
the RS-232 connector (JP2) on the RX142 controller. The other end, which has a 9-pin D
connector, plugs directly into a serial COM port on your PC. The 9-pin D connector also
has an input in the connector body for an external 5V power supply. Table 1 describes the
interconnections for the RS-232 cable.
Table 1 COM Cable for RX142 Controller
PC Side (9-Pin D)
Controller Side (8-Pin Molex)
Pin
RS-232 Assigned
Jumpered to:
Pin Description
1
Data Carrier Detect (DCD)
4 and 6 DTR and DSR
8
DCD, DTR, DSR
2
Receive Data (RXD)
2
Transmit Data (TXD)
3
Transmit Data (TXD)
3
Receive Data (RXD)
4
Data Terminal Ready (DTR) 1 and 6 DCD and DSR 8
DCD, DTR, DSR
5
Signal Ground
5
Power supply ground
6
Data Set Ready (DSR)
1 and 4 DCD and DSR 8
DCD, DTR, DSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com