Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC402S Datasheet(PDF) 28 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 28 Page - 3M Electronics

Back Button SC402S Datasheet HTML 21Page - 3M Electronics SC402S Datasheet HTML 22Page - 3M Electronics SC402S Datasheet HTML 23Page - 3M Electronics SC402S Datasheet HTML 24Page - 3M Electronics SC402S Datasheet HTML 25Page - 3M Electronics SC402S Datasheet HTML 26Page - 3M Electronics SC402S Datasheet HTML 27Page - 3M Electronics SC402S Datasheet HTML 28Page - 3M Electronics SC402S Datasheet HTML 29Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28
3M™ MicroTouch™ Controller RX142 Reference Guide
3M Touch Systems, Inc. Proprietary Information
Technical Specifications
Physical Dimensions
2.74 in. x 1.49 in. x 0.45 in. (69.6 mm x 37.8 mm x 11.4 mm)
Board Level Functions
Power
5 VDC (16 mA typical, 27 mA with touch);
± 5% regulation
12 VDC (19 mA typical, 30 mA with touch);
± 5% regulation
50 mVpp maximum ripple and noise
Regulatory Requirements
CE
Compliant
Radiated Emissions – EN 55022:1998
Class B
Compliant
AC Mains Conducted Emissions – EN 55022:1998
Class B
Compliant
Telco Lines Conducted Emissions
N/A
N/A
FCC Class B / CISPR22 Class B
Class B
Compliant
VCCI Class B ITE Emissions (Japan)
Class B
Compliant
AS/NZS 3548:1995/CISPR 22 Class B ITE Emissions (Aus.)Class B
Compliant
RFI – EN 61000-4-3 / ENV 50140
Class A
Compliant
CRFI – EN 61000-4-6
N/A
Cable < 3 meters long
N/A
EFT (Burst Immunity) – EN 61000-4-4
Class B
Compliant
ESD Susceptibility – IEC 61000-4-2
Class 1
Compliant
Surge – EN 61000-4-5
Class B
Compliant
Harmonics – EN 61000-3-2
Class A
Compliant
Flicker – EN 61000-3-3
Compliant
Power Frequency Magnetic Field – EN 61000-4-8
Class A
Compliant
Voltage Dips – EN 61000-4-11
Class B
< 5% V
Class C
< 70% V
Compliant
Voltage Interruptions – EN 61000-4-11
Class C
Compliant
UL/cUL
Compliant
Ambient Operating and Storage Environmental Conditions (All Humidity is
Non-Condensing)
Operating Temperature Range
0
°C to +65 °C
Operating Humidity Range
< 36° C 0-95% RH
≥ 36
°C see Figure 1 below
Storage Temperature Range
- 20
°C to +75 °C
Storage Humidity Range
< 36°C 0-80% RH
≥ 36
°C see Figure 1 below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com