| Electronic Components Datasheet Search |
|
SC402S Datasheet(PDF) 19 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
SC402S Datasheet(HTML) 19 Page - 3M Electronics |
|
19 / 29 page ![]() 3M™ MicroTouch™ Controller RX142 Reference Guide 19 3M Touch Systems, Inc. Proprietary Information Table 3 Firmware Commands for RX142 Development Command Code Description Calibrate 3 Point C3 Initiates a 3-point calibration routine. Enter Sleep ES Controller enters low power mode. Format Tablet FT Outputs the X/Y touch coordinate data in a five-byte packet. Get Controller Number Q002 Used to determine a controller ID number for multiple monitor applications. Mode Stream MS Sends a continuous stream of X/Y coordinate data when you touch the sensor. Null Command Z Queries the controller and waits for a response. Output Identity OI Identifies the controller type and the firmware version. Reset R Initializes the hardware and the firmware, causes the controller to stop sending data, and recalculates the environmental conditions. Restore Defaults RD Returns the controller to the factory default operating parameters. Note: the serial port is reset to N81 format tablet and calibration data is lost. Set Controller Number W002 Used to determine a controller ID number for multiple monitor applications. Unit Type UT Returns controller unit type string and status. Calibrate 3 Point Syntax: <SOH>C3<CR> Response: <SOH>0<CR> Positive response to initializing the command. When C3 is first issued the controller responds with <SOH>0<CR>. After that, as the user touches each of the three targets, the controller issues an <SOH>1<CR>. <SOH>1<CR> Positive touch response. A valid touch coordinate (point) response (‘1’) signifies that a touch coordinate was detected and is in range of the expected sensor target area. Three valid point responses indicate successful calibration. <SOH>0<CR> Negative touch response. An invalid touch coordinate (point) response (‘0’) is returned if the touch coordinate is out of range. If either calibration point is invalid, the touch coordinates are discarded and the calibration points remain unchanged from their previous values. If you receive a negative response, you must start over again. <SOH>2<CR> Negative touch response. An invalid touch coordinate (point) response (‘2’) is returned if the user did not touch the target long enough to provide an accurate calibration point. Description: Initiates an interactive 3-point calibration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |