Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM-R21E Datasheet(PDF) 10 Page - ATMEL Corporation

Part # SAM-R21E
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21E Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button SAM-R21E_14 Datasheet HTML 6Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 7Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 8Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 9Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 10Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
4.
Pinout
4.1
SAM R21G - QFN48
Note:
The large center pad underneath the QFN package is made of metal and internally connected to GND.
It should be soldered and connected to the digital ground on the board to ensure good mechanical stability.
It is not recommended to use the exposed paddle as a replacement of the regular GND pin.
PA16
25
PA17
26
PA18
27
PA19
28
GND
29
DVDD
30
PA22
31
PA23
32
PA24
33
PA25
34
GND
35
VDDIO
36
PA00
1
PA01
2
XTAL2
3
XTAL1
4
GNDANA
5
VDDANA
6
AVDD
7
GNDANA
8
PA04
9
PA05
10
PA06
11
PA07
12
DIGITAL PIN
ANALOG PIN
OSCILLATOR
GROUND
INPUT SUPPLY
REGULATED OUTPUT SUPPLY
RESET PIN
RF PIN
DIGITAL PIN/
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com