Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM-R21E Datasheet(PDF) 15 Page - ATMEL Corporation

Part # SAM-R21E
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21E Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button SAM-R21E_14 Datasheet HTML 11Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 12Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 14Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 15Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 16Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 17Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 18Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
6.
Product Mapping
Figure 6-1. Atmel | SMART SAM R21 Product Mapping
This figure represents the full configuration of the Atmel | SMART SAM R21 with maximum Flash and SRAM capabilities and a full
set of peripherals. Refer to the “Configuration Summary” on page 4 for details.
Code
SRAM
Undefined
Peripherals
Reserved
Undefined
Reserved
Global Memory Space
0x00000000
0x20000000
0x22008000
0x40000000
0x43000000
0x60000000
0x60000200
0xFFFFFFFF
Internal SRAM
SRAM
AHB-APB
Bridge A
AHB-APB
Bridge B
AHB-APB
Bridge C
AHB-APB
Internal Flash
Reserved
Code
0x00000000
0x00400000
0x1FFFFFFF
0x20000000
0x20008000
0x40000000
0x41000000
0x42000000
0x42FFFFFF
Reserved
PAC0
PM
SYSCTRL
GCLK
WDT
RTC
EIC
AHB-APB Bridge A
0x40000000
0x40000400
0x40000800
0x40000C00
0x40001000
0x40001400
0x40001800
0x40FFFFFF
0x40001C00
AHB-APB Bridge B
Reserved
PAC1
DSU
NVMCTRL
PORT
0x41000000
0x41002000
0x41004000
0x41004400
0x41FFFFFF
0x41004700
SERCOM5
PAC2
EVSYS
SERCOM0
SERCOM1
SERCOM2
SERCOM3
SERCOM4
(1)
AHB-APB Bridge C
Reserved
TCC0
TCC1
TCC2
TC3
TC4
TC5
Reserved
ADC
AC
0x42000000
0x42000400
0x42000800
0x42000C00
0x42001000
0x42001400
0x42001800
0x42002000
0x42001C00
0x42003000
0x42003400
0x42003800
0x42003C00
0x42004000
0x42004400
0x42004800
Reserved
0x40FFFFFF
Reserved
0x42004C00
0x42002400
0x42002800
0x42002C00
PTC
0x42005400
0x42005000
Reserved
RFCTRL
0x42005800
DMAC
USB
MTB
0x41004800
0x41005000
0x41006000
Note 1. SERCOM4 is internally connected to the AT86RF233.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com