Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM-R21E Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SAM-R21E
Description  SMART ARM-Based Wireless Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-R21E Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SAM-R21E_14 Datasheet HTML 13Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 14Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 15Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 16Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 17Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 18Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 19Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 20Page - ATMEL Corporation SAM-R21E_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY]
Atmel-42223AS–SAM-R21_Summary–07/2014
8.
Packaging Information
8.1
Thermal Considerations
8.1.1
Thermal Resistance Data
Table 8-1 summarizes the thermal resistance data depending on the package.
Table 8-1.
Thermal Resistance Data
8.1.2
Junction Temperature
The average chip-junction temperature, TJ, in °C can be obtained from the following:
where:
θJA = package thermal resistance, Junction-to-ambient (°C/W), provided in Table 8-1.
θJC = package thermal resistance, Junction-to-case thermal resistance (°C/W), provided in Table 8-1.
θHEATSINK = cooling device thermal resistance (°C/W), provided in the device datasheet.
PD = device power consumption (W).
TA = ambient temperature (°C).
From the first equation, the user can derive the estimated lifetime of the chip and decide if a cooling device is necessary
or not. If a cooling device is to be fitted on the chip, the second equation should be used to compute the resulting average
chip-junction temperature TJ in °C.
Package Type
θJA
θJC
32-pin QFN
37.2
°C/W
3.1
°C/W
48-pin QFN
33
°C/W
11.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com