Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 3 Page - NEC

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8701 Datasheet(HTML) 3 Page - NEC

  PS8701 Datasheet HTML 1Page - NEC PS8701 Datasheet HTML 2Page - NEC PS8701 Datasheet HTML 3Page - NEC PS8701 Datasheet HTML 4Page - NEC PS8701 Datasheet HTML 5Page - NEC PS8701 Datasheet HTML 6Page - NEC PS8701 Datasheet HTML 7Page - NEC PS8701 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8701
*1 Test circuit for propagation delay time
Pulse input
47
Ω
(Pulse width = 100 s,
Duty cycle = 1/10)
µ
RL = 2.2 k
Ω
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
µ
CL = 15 pF
Input
Output
50 %
1.5 V
5 V
VOL
tPHL
tPLH
CL is approximately 15 pF which includes probe and stray wiring capacitance
*2 Test circuit for common mode transient immunity
IF
RL = 4.1 k
Ω
VO (Monitor)
VCC = 5 V
0.1 F
µ
VCM
90 %
10 %
1.5 kV
0 V
5 V
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 16 mA)
tr
tf
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pase capacitor of more than 0.1
µF is used between VCC and GND near device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com