Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 1 Page - NEC

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8701 Datasheet(HTML) 1 Page - NEC

  PS8701 Datasheet HTML 1Page - NEC PS8701 Datasheet HTML 2Page - NEC PS8701 Datasheet HTML 3Page - NEC PS8701 Datasheet HTML 4Page - NEC PS8701 Datasheet HTML 5Page - NEC PS8701 Datasheet HTML 6Page - NEC PS8701 Datasheet HTML 7Page - NEC PS8701 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice.
©
1997
Document No. P12846EJ1V0DS00 (1st edition)
Date Published August 1997 NS
Printed in Japan
PHOTOCOUPLER
PS8701
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE
5-PIN SOP PHOTOCOUPLER
DESCRIPTION
The PS8701 is an optically coupled isolator containing a GaAlAs LED on the light emitting diode (input side) and a
PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
This is a plastic SOP (Small Out-line Package) type for high density applications.
FEATURES
• High common mode transient immunity (CMH, CML =
±10 kV/
µs MIN.)
• High supply voltage (VCC = 35 V)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• High-speed response (tPHL = 0.8
µs MAX., tPLH = 1.2 µs MAX.)
• Taping product number (PS8701-E3, E4, F3, F4)
APPLICATIONS
• Computer and peripheral manufactures
• General purpose inverter
• Substitutions for relays and pulse transformers
• Power supply
1.27
0.4
+0.10
–0.05
0.25 M
1.2 MAX.
4.4
7.0±0.3
1.3
0.5±0.3
PACKAGE DIMENSIONS
in millimeters
4.5 MAX.
53
12
4
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
TOP VIEW


Similar Part No. - PS8701

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E3 CEL-PS8701-E3 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-E4 CEL-PS8701-E4 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F3 CEL-PS8701-F3 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701-F4 CEL-PS8701-F4 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS8701

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com