Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 4 Page - NEC

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8701 Datasheet(HTML) 4 Page - NEC

  PS8701 Datasheet HTML 1Page - NEC PS8701 Datasheet HTML 2Page - NEC PS8701 Datasheet HTML 3Page - NEC PS8701 Datasheet HTML 4Page - NEC PS8701 Datasheet HTML 5Page - NEC PS8701 Datasheet HTML 6Page - NEC PS8701 Datasheet HTML 7Page - NEC PS8701 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8701
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
50
30
20
10
0
40
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
120
100
60
20
0
80
40
25
50
75
100
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
0.01
0.1
10
1
1.4
1.8
2.0
2.4
1.0
1.2
1.6
2.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
TA = +100 ˚C
+50 ˚C
+25 ˚C
0 ˚C
–25 ˚C
1 000
1
0.1
100
10
50
100
–25
0
25
75
Ambient Temperature TA (˚C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
VCC = VO = 30 V
VCC = VO = 5.5 V
IF = 0 mA
80
20
0
40
60
70
50
10
30
0.5
5
10
50
1
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCC = 4.5 V,
VO = 0.4 V
1.6
0.0
1.2
0.4
1.4
1.0
0.8
0.6
0.2
0
50
100
–50
–25
25
75
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
Normalized to 1.0
at TA = 25 ˚C, IF = 16 mA,
VCC = 4.5 V, VO = 0.4 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com