Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9601 Datasheet(PDF) 4 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 4 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC PS9601 Datasheet HTML 7Page - NEC PS9601 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS9601, PS9601L
4
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Treshold Input Current
IFHL
0.5
2.5
5
mA
VCC = 5 V, VE = 2 V, TA = –40 to + 85 ˚C
High
→ Low
VO = 0.8 V, RL = 350
Ω
Isolation Resistance
R1-2
10
11
Ω
Vin-out = 1 kVDC, RH 40 to 60 %
Isolation Capacitance
C1-2
0.6
pF
V = 0, f = 1 MHz
Propagation Delay Time*2
tPHL
50
75
ns
VCC = 5 V, IF = 7.5 mA
High
→ Low
RL = 350
Ω, CL = 15 pF
Propagation Delay Time*2
tPLH
50
75
ns
Low
→ High
Rise Time
tr
20
ns
Fall Time
tf
10
ns
Enable Propagation
tEHL
10
ns
VCC = 5 V, IF = 7.5 mA
Delay Time*3
VEH = 3 V, VEL = 0.5 V
High
→ Low
RL = 350
Ω, CL = 15 pF
Enable Propagation
tELH
25
ns
Delay Time*3
Low
→ High
*2 Test Circuit for Propagation delay time
Pulse Input
PW = 1 s
duty cycle = 1/10
µ
IF
1
2
3
4
8
7
6
5
GND
VCC
IF Monitor
47
Ω
VO Monitor
RL = 350
Ω
VCC = 5 V
0.1
F
µ
*CL
Input
Output
0
5 V
tPHL
tPLH
VOL
1.5 V
175 mV
(IF = 3.75 mA)
350 mV
(IF = 7.5 mA)
* CL is approximately 15 pF, which includes probe and stray wiring capacitance.
*3 Test Circuit for enable Propagation delay time
Pulse Input
PW = 1 s
duty cycle = 1/10
µ
1
2
3
4
8
7
6
5
IF = 7.5 mA
VO
RL = 350
Ω
5 V
*CL
tEHL
tELH
Monitor
VO
VE
VOL
1.5 V
5 V
0.5 V
1.5 V
3 V
VE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com