Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9601 Datasheet(PDF) 1 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 1 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC PS9601 Datasheet HTML 7Page - NEC PS9601 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1993
DATA SHEET
PHOTOCOUPLERS
PS9601, PS9601L
PS9601, PS9601L are optically coupled isolators containing a GaAlAs LED on light emitting side (input side) and
a photodiode and a signal processing circuit on light receiving side (output side) on one chip.
PS9601 is in a plastic DIP (Dual In-line Package) and PS9601L is lead bending type (Gull-wing) for surface mount.
FEATURES
•
High isolation voltage
BV: 5 000 Vr.m.s. MIN.
•
High Propagation delay time
tPHL, tPLH: 50 ns TYP.
•
Low input current
IFHL: 2.5 mA TYP.
•
Can be soldered by infrared reflow soldering
•
Taping product number PS9601L-E3, E4
•
UL recognized
File No. E72422 (S)
APPLICATIONS
•
Computer and peripheral memory
•
Electronic instrument
•
Audio-visual
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Document No. P10744EJ2V0DS00 (2nd edition)
(Previous No. LC-7694)
Date Published September 1995 P
Printed in Japan


Similar Part No. - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601L NEC-PS9601L Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601L CEL-PS9601L Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results

Similar Description - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com