Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9601 Datasheet(PDF) 7 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 7 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC PS9601 Datasheet HTML 7Page - NEC PS9601 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PS9601, PS9601L
7
PRECAUTIONS IN MOUNTING THE DEVICE
(1) Precautions in mounting the device by infrared reflow soldering
•
Peak reflow temperature
: 235 ˚C or below (Plastic surface temperature)
•
Reflow time
: 30 seconds or less (Time period during which the plastic surface temperature
is 210 ˚C)
•
Number of reflow processes: One
•
Flux
: Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
INFRARED RAY REFLOW TEMPERATURE PROFILE
Times (s)
120 to 160 ˚C
60 to 90 s
(Pre-heat)
to 30 s
210 ˚C
235 ˚C Peak
(Actual heat)
to 10 s
Peak Temperature 230 ˚C
or Lower
(2) Precautions in mounting the device in solder dip method
•
Temperature
: 260 ˚C or lower
•
Time
: 10 sec. or less
•
Flux
: Rosin group flux, where the amount of chloride component is small.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com