Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL18N55M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL18N55M5
Description  N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N55M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL18N55M5 Datasheet HTML 1Page - STMicroelectronics STL18N55M5 Datasheet HTML 2Page - STMicroelectronics STL18N55M5 Datasheet HTML 3Page - STMicroelectronics STL18N55M5 Datasheet HTML 4Page - STMicroelectronics STL18N55M5 Datasheet HTML 5Page - STMicroelectronics STL18N55M5 Datasheet HTML 6Page - STMicroelectronics STL18N55M5 Datasheet HTML 7Page - STMicroelectronics STL18N55M5 Datasheet HTML 8Page - STMicroelectronics STL18N55M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2011
Doc ID 17468 Rev 2
1/14
14
STL18N55M5
N-channel 550 V, 0.205
Ω, 13 A PowerFLAT™ 8x8 HV
MDmesh™ V Power MOSFET
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max
ID
STL18N55M5
600 V
< 0.270
Ω
13 A (1)
1.
The value is rated according to Rthj-case
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL18N55M5
18N55M5
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL18N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL18N60M2 STMICROELECTRONICS-STL18N60M2 Datasheet
946Kb / 16P
N-channel 600 V, 0.278 Ω typ., 9 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
12-Jun-2014
STL18N60M6 STMICROELECTRONICS-STL18N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 255 m typ., 9 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
19-Apr-2019
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
Zener-protected
02-Oct-2014
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
26-Jun-2013
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
N-channel 600 V, 0.260 Ω, 6 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
03-Nov-2011
More results

Similar Description - STL18N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
N-channel 600 V, 0.320 Ω, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
23-May-2011
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
N-channel 600 V, 0.260 Ω, 6 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
03-Nov-2011
STL21N65M5 STMICROELECTRONICS-STL21N65M5 Datasheet
894Kb / 14P
N-channel 650 V, 0.175 Ω, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh™V Power MOSFET
18-May-2011
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
N-channel 600 V, 0.200 Ω, 16 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
10-Nov-2011
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL36N55M5 STMICROELECTRONICS-STL36N55M5 Datasheet
1Mb / 17P
N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
24-Jan-2013
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
08-Oct-2012
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
N-channel 650 V, 0.070 Ω, 34 A MDmesh™ V Power MOSFET in PowerFLAT™ 8x8 HV package
April 2012 Rev 2
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com