Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS36 Datasheet(PDF) 82 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 82 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 78Page - Hynix Semiconductor GMS36 Datasheet HTML 79Page - Hynix Semiconductor GMS36 Datasheet HTML 80Page - Hynix Semiconductor GMS36 Datasheet HTML 81Page - Hynix Semiconductor GMS36 Datasheet HTML 82Page - Hynix Semiconductor GMS36 Datasheet HTML 83Page - Hynix Semiconductor GMS36 Datasheet HTML 84Page - Hynix Semiconductor GMS36 Datasheet HTML 85Page - Hynix Semiconductor GMS36 Datasheet HTML 86Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
7-4
Parameter
Supply Voltage
Programming Voltage
Power dissipation
Storage temperature range
Input voltage
Output voltage
Unit
V
V
mW
Î
V
V
Electrical Characteristics
Absolute maximum ratings (Ta = 25
Î)
Symbol
V
DD
V
PP
P
D
Tstg
V
IN
V
OUT
Max. rating
-0.3 ~ 5.0
-0.3 ~ 13.5
700 *
-55 ~ 125
-0.3 ~ V
DD+0.3
-0.3 ~ V
DD+0.3
* Thermal derating above 25
Î : 6mW per degree Î rise in temperature.
Recommended operating condition
Parameter
Supply Voltage
Unit
V
Rating
2.2 ~ 3.6
Condition
300kHz ~ 4MHz
Symbol
V
DD
Î
Topr
Operating temperature
-
-20 ~ +70
Chapter 7. GMS36XXXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com