Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012K Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 18Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 19Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 20Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 22Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 23Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 24Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 25Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
22
MAR. 2000 Ver 1.00
7.7 AC Characteristics
(TA=-20~+85°C, VDD=5V±10%, VSS=0V, fXIN=4MHz)
Figure 7-2 Serial I/O Timing Chart
Parameter
Symbol
Pins
Specifications
Unit
Min.
Typ.
Max.
Serial Input Clock Pulse
tSCYC
SCLK
2tSYS+200
-8
ns
Serial Input Clock Pulse Width
tSCKW
SCLK
tSYS+70
-8
ns
Serial Input Clock Pulse Transition
Time
tFSCK
tRSCK
SCLK
-
-
30
ns
SIN Input Pulse Transition Time
tFSIN
tRSIN
SIN
-
-
30
ns
SIN Input Setup Time (External SCLK)
tSUS
SIN
100
-
-
ns
SIN Input Setup Time (Internal SCLK)
tSUS
SIN
200
-
ns
SIN Input Hold Time
tHS
SIN
tSYS+70
-ns
Serial Output Clock Cycle Time
tSCYC
SCLK
4tSYS
-
16tSYS
ns
Serial Output Clock Pulse Width
tSCKW
SCLK
tSYS-30
ns
Serial Output Clock Pulse Transition
Time
tFSCK
tRSCK
SCLK
30
ns
Serial Output Delay Time
sOUT
SOUT
100
ns
SCLK
SIN
0.2VDD
SOUT
0.2VDD
0.8VDD
tSCYC
tSCKW
tSCKW
tRSCK
tFSCK
0.8VDD
tSUS
tHS
tDS
0.2VDD
0.8VDD
tRSIN
tFSIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com