Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2012K Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 26Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 27Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 28Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 29Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 30Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 31Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 32Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 33Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
30
MAR. 2000 Ver 1.00
Example: The usage software example of Vector address for GMS81C2020.
ORG
0FFE0H
DW
NOT_USED
DW
NOT_USED
DW
SIO
; Serial Interface
DW
BIT_TIMER
; Basic Interval Timer
DW
WD_TIMER
; Watchdog Timer
DW
ADC
; ADC
DW
NOT_USED
DW
NOT_USED
DW
NOT_USED
DW
NOT_USED
DW
TIMER1
; Timer-1
DW
TIMER0
; Timer-0
DW
INT1
; Int.1
DW
INT0
; Int.0
DW
NOT_USED
; -
DW
RESET
; Reset
ORG
0B000H
; GMS81C2020(20K)ROM Start address
;
ORG
0D000H
; GMS81C2012(12K)ROM Start address
;*******************************************
;
MAIN
PROGRAM
*
;*******************************************
;
RESET:
DI
;Disable All Interrupts
CLRG
LDX
#0
RAM_CLR: LDA
#0
;RAM Clear(!0000H->!00BFH)
STA
{X}+
CMPX
#0C0H
BNE
RAM_CLR
;
LDX
#0FFH
;Stack Pointer Initialize
TXSP
;
LDM
R0, #0
;Normal Port 0
LDM
R0IO,#82H
;Normal Port Direction
:
:
:
LDM
TDR0,#125
;8us x 125 = 1mS
LDM
TM0,#0FH
;Start Timer0, 8us at 4MHz
LDM
IRQH,#0
LDM
IRQL,#0
LDM
IENH,#0E0H
;Enable Timer0, INT0, INT1
LDM
IENL,#0
LDM
IEDS,#05H
;Select falling edge detect on INT pin
LDM
R0FUNC,#03H ;Set external interrupt pin(INT0, INT1)
EI
;Enable master interrupt
:
:
:
:
:
NOT_USED:NOP
RETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com