Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM8515P Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 33Page - Hynix Semiconductor HDM8515P Datasheet HTML 34Page - Hynix Semiconductor HDM8515P Datasheet HTML 35Page - Hynix Semiconductor HDM8515P Datasheet HTML 36Page - Hynix Semiconductor HDM8515P Datasheet HTML 37Page - Hynix Semiconductor HDM8515P Datasheet HTML 38Page - Hynix Semiconductor HDM8515P Datasheet HTML 39Page - Hynix Semiconductor HDM8515P Datasheet HTML 40Page - Hynix Semiconductor HDM8515P Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
37
4. Mechanical Specifications
4.1 100 Pin Quad Flat Pack
4.1.1 Pin Assignment
1
DATA_CLK
26
TEST6
51
HI_ADDR5
76
DTACK
2
FRAME_ERROR
27
VDDA
52
HI_ADDR4
77
SDA_I2CO
3
FRAME_SYNC
28
VSSA
53
HI_ADDR3
78
SDA_I2C
4
VDD
29
VTOP
54
HI_ADDR2
79
SCL_I2CO
5
VSS
30
AIN_I
55
HI_ADDR1
80
SCL_I2C
6
DISEQC
31
IOVDDA
56
HI_A DDR0
81
VDD5
7
SIGMADELTA
32
IOVSSA
57
VDD
82
VSS
8
SYMBOL_CLOCK
33
REF_I
58
HI_DATA7
83
R/W(/RE)
9
WB_AGC
34
REF_Q
59
HI_DATA6
84
/CE
10
QPSK_LOCK
35
AIN_Q
60
HI_DATA5
85
/DS(/WE)
11
IOVDD
36
VBOT
61
HI_DATA4
86
VDD
12
IOVSS
37
TEST5
62
IOVDD
87
VSS
13
TEST15
38
TEST4
63
IOVSS
88
DATA7
14
TEST14
39
TEST3
64
HI_DATA3
89
DATA6
15
TEST13
40
VDDP
65
HI_DATA2
90
DATA5
16
TEST12
41
VSSP
66
HI_DATA1
91
LOCK
17
VDD
42
TEST2
67
HI_DATA0
92
DATA4
18
VSS
43
TEST1
68
VDD
93
DATA3
19
TEST11
44
TEST0
69
VSS
94
IOVDD
20
TEST10
45
CLOCK
70
VB_NODESYNC
95
IOVSS
21
TEST9
46
XTAL1_IN
71
VB_CLOCK
96
DATA2
22
TEST8
47
XTAL1_OUT
72
VB_DATA
97
DATA1
23
IOVDD
48
IOVDD
73
VDD
98
DATA0
24
IOVSS
49
IOVSS
74
VSS
99
DATA_VALID
25
TEST7
50
RESET
75
BUSMODE
100
DATA_STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com