Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD33JS Datasheet(PDF) 3 Page - NEC

Part # RD33JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD33JS Datasheet(HTML) 3 Page - NEC

  RD33JS Datasheet HTML 1Page - NEC RD33JS Datasheet HTML 2Page - NEC RD33JS Datasheet HTML 3Page - NEC RD33JS Datasheet HTML 4Page - NEC RD33JS Datasheet HTML 5Page - NEC RD33JS Datasheet HTML 6Page - NEC RD33JS Datasheet HTML 7Page - NEC RD33JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD4.7JS to RD39JS
3
Data Sheet D13937EJ5V0DS00
Zener Voltage
Reverse Current
Type Number
Suffix
Vz (V)Note 1
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
AB
13.84
15.52
RD15JS
AB1
13.84
14.46
5
42
5
80
0.5
0.1
11
AB2
14.34
14.98
AB3
14.85
15.52
AB
15.37
17.09
RD16JS
AB1
15.37
16.01
5
50
5
80
0.5
0.1
12
AB2
15.85
16.51
AB3
16.35
17.09
AB
16.94
19.03
RD18JS
AB1
16.94
17.70
5
65
5
80
0.5
0.1
13
AB2
17.56
18.35
AB3
18.21
19.03
AB
18.86
21.08
RD20JS
AB1
18.86
19.70
5
85
5
100
0.5
0.1
15
AB2
19.52
20.39
AB3
20.21
21.08
AB
20.88
23.17
RD22JS
AB1
20.88
21.77
5
100
5
100
0.5
0.1
17
AB2
21.54
22.47
AB3
22.23
23.17
AB
22.93
25.57
RD24JS
AB1
22.93
23.96
5
120
5
120
0.5
0.1
19
AB2
23.72
24.78
AB3
24.54
25.57
AB
25.20
28.61
RD27JS
AB1
25.20
26.50
5
150
5
150
0.5
0.1
21
AB2
26.19
27.53
AB3
27.21
28.61
AB
28.22
31.74
RD30JS
AB1
28.22
29.66
5
200
5
200
0.5
0.1
23
AB2
29.19
30.69
AB3
30.20
31.74
AB
32.18
34.83
RD33JS
AB1
32.18
32.78
5
250
5
250
0.5
0.1
25
AB2
32.15
33.79
AB3
33.13
34.83
AB
34.12
37.91
RD36JS
AB1
34.12
35.86
5
300
5
300
0.5
0.1
27
AB2
35.07
36.87
AB3
36.07
37.91
AB
37.04
40.99
RD39JS
AB1
37.04
38.94
5
360
5
360
0.5
0.1
30
AB2
38.00
39.94
AB3
38.99
40.99
Note 1. tested with pulse (40 ms).
2. Zz and Zzk are measured at Iz by given a very small A.C. current signal.
3. Suffix AB is suffix AB1, AB2 or suffix AB3.
Dynamic
Knee Dynamic
Impedance
Impedance
Zz (
Ω)Note 2
Zzk (
Ω)Note 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com