Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD33JS Datasheet(PDF) 5 Page - NEC

Part # RD33JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD33JS Datasheet(HTML) 5 Page - NEC

  RD33JS Datasheet HTML 1Page - NEC RD33JS Datasheet HTML 2Page - NEC RD33JS Datasheet HTML 3Page - NEC RD33JS Datasheet HTML 4Page - NEC RD33JS Datasheet HTML 5Page - NEC RD33JS Datasheet HTML 6Page - NEC RD33JS Datasheet HTML 7Page - NEC RD33JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD4.7JS to RD39JS
5
Data Sheet D13937EJ5V0DS00
Fig. 5 P-TA Rating
Fig. 6
γ z-Vz CHARACTERISTICS
Fig. 7 Rth-S CHARACTERISTICS
Fig. 8 en-Vz CHARACTERISTICS
Fig. 9 SURGE REVERSE POWER RATINGS
3 mm, t = 0.035 mm
(leaf copper)
0
20
40
60
80
100
Ambient Temperature TA (
°C)
120 140 160 180 200
500
400
300
200
100
= 5 mm
φ
0
20
406080
100
Size of P.C Board S (mm
2)
Junction to ambient
= 10 mm
= 5 mm
600
500
400
300
200
100
S
2
3
4
5
10
20
30
40 50
Zener Voltage VZ (V)
100
50
40
30
20
10
TA = 25
°C
f = 10 to 500 kHz
TYP.
4
8
12
16
20
24
28
32
36
40
Zener Voltage VZ (V)
0.10
0.08
0.06
0.04
0.02
0
–0.02
50
40
30
20
10
0
TYP.
mV/
°C
%/
°C
1000
100
10
1
1
10
100
1 m
10 m
100 m
tT
− Pulse Width − s
µµ
µ
TA = 25
°C
Non Repetitive
tT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com