Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD33JS Datasheet(PDF) 1 Page - NEC

Part # RD33JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD33JS Datasheet(HTML) 1 Page - NEC

  RD33JS Datasheet HTML 1Page - NEC RD33JS Datasheet HTML 2Page - NEC RD33JS Datasheet HTML 3Page - NEC RD33JS Datasheet HTML 4Page - NEC RD33JS Datasheet HTML 5Page - NEC RD33JS Datasheet HTML 6Page - NEC RD33JS Datasheet HTML 7Page - NEC RD33JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1988
DATA SHEET
ZENER DIODES
RD4.7JS to RD39JS
DO-34 Package
Low noise, Sharp Breakdown characteristics
400 mW Zener Diode
Document No. D13937EJ5V0DS00 (5th edition)
(Previous No. SC-4001A)
Date Published March 1999 N CP(K)
Printed in Japan
DESCRIPTION
NEC Type RD [ ] JS series are DHD (Double Heatsink Diode) con-
struction Mini Package (DO-34; Body length 2.4 mm Max.) possessing
an allowable power dissipation of 400 mW, featuring low noise, sharp
breakdown characteristic.
FEATURES
•
DO-34 Glass sealed package
•
Low noise
•
Sharp Breakdown characteristic
•Vz Applied E24 standard
ORDER INFORMATION
RD4.7JS to RD39JS with suffix “AB1”, “AB2”, or “AB3” should be
applied for orders for suffix “AB”.
APPLICATIONS
Circuits for, Constant Voltage, Constant Current, Wave form clipper,
etc.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Forward Current
IF
150 mA
Power Dissipation
P
400 mW
to see Fig. 5.
Surge Revese Power
PRSM
2.4 W (t = 10
µs)
to see Fig. 9.
Junction Temperature
Tj
175
°C
Storage Temperature
Tstg
–65 to +175
°C
0.4
Cathode
Indication
2.0 MAX.
DO-34 (JEDEC)
Marking color: Blue
PACKAGE DIMENSIONS
(in milimeters)
φ
φ
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - RD33JS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD33JS EIC-RD33JS Datasheet
66Kb / 3P
SILICON ZENER DIODES
RD33JSAB EIC-RD33JSAB Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD33JSAB1 EIC-RD33JSAB1 Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD33JSAB2 EIC-RD33JSAB2 Datasheet
39Kb / 3P
SILICON ZENER DIODES
RD33JSAB3 EIC-RD33JSAB3 Datasheet
39Kb / 3P
SILICON ZENER DIODES
More results

Similar Description - RD33JS

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Knox Semiconductor, Inc
LVA43A KNOX-LVA43A Datasheet
42Kb / 1P
SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Continental Device Indi...
DO-34 CDIL-DO-34 Datasheet
121Kb / 5P
DO-34 Axial Glass Package
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
400 mW low voltage avalanche low noise silicon zener diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com