Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9707 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 12Page - Hynix Semiconductor STAC9707 Datasheet HTML 13Page - Hynix Semiconductor STAC9707 Datasheet HTML 14Page - Hynix Semiconductor STAC9707 Datasheet HTML 15Page - Hynix Semiconductor STAC9707 Datasheet HTML 16Page - Hynix Semiconductor STAC9707 Datasheet HTML 17Page - Hynix Semiconductor STAC9707 Datasheet HTML 18Page - Hynix Semiconductor STAC9707 Datasheet HTML 19Page - Hynix Semiconductor STAC9707 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
16
10/02/98
3.1.1.2 Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event that
the current command port operation is a write cycle. (as indicated by Slot 1, bit 19)
Bit (19:4)
Control Register Write Data
(Stuffed with 0's if current operation is a read)
Bit (3 :0)
Reserved
(Stuffed with 0's)
If the current command port operation is a read then the entire slot time must be stuffed with
0's by the AC'97 controller.
3.1.1.3 Slot 3: PCM Playback Left Channel
Audio output frame slot 3 is the composite digital audio left playback stream. In a typical
“Games Compatible" PC this slot is composed of standard PCM (.wav) output samples
digitally mixed (on the AC'97 controller or host processor) with music synthesis output
samples. If a sample stream of resolution less than 20-bits is transferred, the AC'97 controller
must stuff all trailing non-valid bit positions within this time slot with 0's.
3.1.1.4 Slot 4: PCM Playback Right Channel
Audio output frame slot 4 is the composite digital audio right playback stream. In a typical
“Games Compatible" PC this slot is composed of standard PCM (.wav) output samples
digitally mixed (on the AC'97 controller or host processor) with music synthesis output
samples. If a sample stream of resolution less than 20-bits is transferred, the AC'97 controller
must stuff all trailing non-valid bit positions within this time slot with 0's.
3.1.1.5 Slots 5-12: Reserved
Audio output frame slots 5-12 are reserved for future use and are always stuffed with 0's by
the AC'97 controller.
3.1.2 AC-link Audio Input Frame (SDATA_IN)
The audio input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC'97 controller. As is the case for audio output frame, each AC-link audio input frame
consists of 12, 20-bit time slots. Slot 0 is a special reserved time slot containing 16 bits that are used for
AC-link protocol infrastructure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com