Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9707 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 40Page - Hynix Semiconductor STAC9707 Datasheet HTML 41Page - Hynix Semiconductor STAC9707 Datasheet HTML 42Page - Hynix Semiconductor STAC9707 Datasheet HTML 43Page - Hynix Semiconductor STAC9707 Datasheet HTML 44Page - Hynix Semiconductor STAC9707 Datasheet HTML 45Page - Hynix Semiconductor STAC9707 Datasheet HTML 46Page - Hynix Semiconductor STAC9707 Datasheet HTML 47Page - Hynix Semiconductor STAC9707 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
44
10/02/98
Spurious Tone Rejection
-
+100
−
dB
Attenuation, Gain Step Size
-
1.5
−
dB
Input Impedance
10
-
−
K Ohm
Input Capacitance
-
15
−
pF
Vrefout
-
0.41 x
AVdd
−
V
Interchannel Gain Mismatch ADC
0.5
dB
Interchannel Gain Mismatch DAC
-
0.5
dB
Gain Drift
100
ppm/ o C
DAC Offset Voltage
10
50
mV
Deviation from Linear Phase
1
degree
External Load Impedance
10
K ohm
Mute Attenuation (0 dB)
90
96
dB
Notes:
1.
With +20 dB Boost on, 1.0Vrms with Boost off
2.
± 1 dB limits
3.
The ratio of the rms output level with 1 kHz full scale input to the rms
output level with all zeros into the digital input. Measured “A weighted”
over a 20 Hz to a 20 kHz bandwidth. (AES17-1991 Idle Channel Noise or
EIAJ CP-307 Signal-to-noise Ratio).
4.
0 dB gain, 20 kHz BW, 48 kHz Sample Frequency
5.
± 0.25dB limits
6.
Stop Band rejection determines filter requirements. Out-of-Band rejection
determines audible noise.
7.
The integrated Out-of-Band noise generated by the DAC process, during
normal PCM audio playback, over a bandwidth 28.8 to 100 kHz, with
respect to a 1 Vrms DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com