Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9707 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 27Page - Hynix Semiconductor STAC9707 Datasheet HTML 28Page - Hynix Semiconductor STAC9707 Datasheet HTML 29Page - Hynix Semiconductor STAC9707 Datasheet HTML 30Page - Hynix Semiconductor STAC9707 Datasheet HTML 31Page - Hynix Semiconductor STAC9707 Datasheet HTML 32Page - Hynix Semiconductor STAC9707 Datasheet HTML 33Page - Hynix Semiconductor STAC9707 Datasheet HTML 34Page - Hynix Semiconductor STAC9707 Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
31
10/02/98
Table 17: Powerdown Status Register
BIT
FUNCTION
REF
VREF’s up to nominal level
ANL
Analog mixers, etc. ready
DAC
DAC section ready to playback data
ADC
ADC section ready to playback data
5. LOW POWER MODES
The STAC9704/7 is capable of operating at reduced power when no activity is required. The state of power
down is controlled by the Powerdown Register (26h). There are 7 commands of separate power down. The
power down options are listed in Table 18. The first three bits , PR0..PR2, can be used individually or in
combination with each other, and control power distribution to the ADC’s, DAC’s and Mixer. The last analog
power control bit, PR3, affects analog bias and reference voltages, and can only be used in combination with PR1,
PR2, and PR3. PR3 essentially removes power from all analog sections of the codec, and is generally only
asserted when the codec will not be needed for long periods. PR0 and PR1 control the PCM ADC’s and DAC’s
only. PR2 and PR3 do not need to be "set" before a PR4, but PR0 and PR1 must be "set" before PR4.
Table 18: Low Power Modes
GRP BITS
FUNCTION
PR0
PCM in ADC’s & Input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analog Mixer powerdown (Vref still on)
PR3
Analog Mixer powerdown (Vref off)
PR4
Digital Interface (AC-link) powerdown (extnl clk off)
PR5
Internal Clk disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com