Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8344BY Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8344BY
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344BY Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8344BY Datasheet HTML 1Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
2
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
6
,
5
,
2
,
1
2
1
,
1
1
,
8
,
7
9
1
Q
,
8
1
Q
,
7
1
Q
,
6
1
Q
3
2
Q
,
2
2
Q
,
1
2
Q
,
0
2
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
3
2
Q
u
r
h
t
5
1
Q
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
8
2
,
9
,
3
5
4
,
9
3
,
4
3
O
D
D
Vr
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
,
8
1
,
4
1
,
0
1
,
4
6
4
,
0
4
,
3
3
,
7
2
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
3
1L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
,
1
K
L
C
d
n
a
0
K
L
C
n
,
0
K
L
C
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
t
u
p
t
u
o
e
h
t
s
l
o
r
t
n
o
c
t
a
h
t
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
s
a
1
K
L
C
n
9
1
,
5
1I
D
D
Vr
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
I
6
11
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
r
i
a
p
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
y
r
a
d
n
o
c
e
s
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
I
7
11
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
r
i
a
p
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
y
r
a
d
n
o
c
e
s
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
-
n
o
N
0
20
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
r
i
a
p
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
y
r
a
m
i
r
p
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
I
1
20
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
r
i
a
p
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
y
r
a
m
i
r
p
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
-
n
o
N
2
23
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
3
2
Q
u
r
h
t
6
1
Q
3
22
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
5
1
Q
u
r
h
t
8
Q
4
21
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
7
Q
u
r
h
t
0
Q
0
3
,
9
2
,
6
2
,
5
2
6
3
,
5
3
,
2
3
,
1
3
3
Q
,
2
Q
,
1
Q
,
0
Q
7
Q
,
6
Q
,
5
Q
,
4
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
7
Q
u
r
h
t
0
Q
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
2
4
,
1
4
,
8
3
,
7
3
8
4
,
7
4
,
4
4
,
3
4
1
1
Q
,
0
1
Q
,
9
Q
,
8
Q
5
1
Q
,
4
1
Q
,
3
1
Q
,
2
1
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
5
1
Q
u
r
h
t
8
Q
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
N
I
C
t
u
p
n
I
e
c
n
a
t
i
c
a
p
a
C
,
0
K
L
C
n
,
0
K
L
C
1
K
L
C
n
,
1
K
L
C
F
p
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
F
p
D
P
C
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
5
6
4
.
3
=
O
D
D
V
,
I
D
D
VF
p
=
O
D
D
V
,
V
5
6
4
.
3
=
I
D
D
V
V
5
2
6
.
2
F
p
V
5
2
6
.
2
=
O
D
D
V
,
I
D
D
VF
p
P
U
L
L
U
P
Rr
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
N
W
O
D
L
L
U
P
Rr
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
T
U
O
Re
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com