Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8344BY Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8344BY
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344BY Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8344BY Datasheet HTML 1Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
4
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
4.6V
Inputs
-0.5V to VDD + 0.5V
Outputs
-0.5V to VDDO + 0.5V
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of product at these condition or any conditions beyond those listed
in the
DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
TABLE 4C. LVCMOS DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0°C TO 70°C
TABLE 4B. DIFFERENTIAL DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0°C TO 70°C
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
5
6
4
.
3
=
H
I
V
=
I
D
D
V
V
0
=
L
I
V
0
2
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
V
5
6
4
.
3
=
I
D
D
V2
8
.
3V
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
I
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
V
5
3
1
.
3
=
I
D
D
V3
.
0
-8
.
0V
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
3
E
O
,
2
E
O
,
1
E
OV
5
6
4
.
3
=
N
I
V
=
I
D
D
V5
A
µ
L
E
S
_
K
L
CV
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
3
E
O
,
2
E
O
,
1
E
OV
0
=
N
I
V
,
5
6
4
.
3
=
I
D
D
V0
5
1
-A
µ
L
E
S
_
K
L
C0
=
N
I
V
,
5
6
4
.
3
=
I
D
D
V5
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
5
3
1
.
3
=
O
D
D
V
=
I
D
D
V
A
m
6
3
-
=
H
O
I
6
.
2V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
5
3
1
.
3
=
O
D
D
V
=
I
D
D
V
A
m
6
3
=
L
O
I
6
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
n
,
0
K
L
C
n
5A
µ
1
K
L
C
,
0
K
L
C
0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
n
,
0
K
L
C
n0
5
1
-A
µ
1
K
L
C
,
0
K
L
C5
-A
µ
.
e
l
b
a
t
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
n
i
R
M
C
V
d
n
a
P
P
V
e
e
s
,
s
l
e
v
e
l
t
u
p
n
i
x
K
L
C
n
,
x
K
L
C
r
o
F
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com