Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8344BY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8344BY
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344BY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8344BY Datasheet HTML 1Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
1
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8344 is a low voltage, low skew fanout
buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS8344 is designed to translate any
differential signal levels to LVCMOS levels. The
low impedance LVCMOS outputs are designed to drive 50
Ω
series or parallel terminated transmission lines. The effective
fanout can be increased to 48 by utilizing the ability of the
outputs to drive two series terminated lines. Redundant clock
applications can make use of the dual clock input. The dual
clock inputs also facilitate board level testing. ICS8344 is
characterized at full 3.3V, full 2.5V and mixed 3.3V input and
2.5V output operating supply modes.
Guaranteed output and part-to-part skew characteristics
make the ICS8344 ideal for those clock distribution applica-
tions demanding well defined performance and repeatability.
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
FEATURES
• 24 LVCMOS outputs, 7Ω typical output impedance
• Output frequency up to 167MHz
• 275ps output skew, 600ps part to part skew
• Translates any differential input signal (PECL, HSTL, LVDS)
to LVCMOS without external bias networks
• Translates any single-ended input signal to LVCMOS with
resistor bias on nCLK input
• Translates and inverts any single-ended input signal to
LVCMOS with resistor bias on CLK input
• Multiple differential clock input pairs for redundant clock
applications
• LVCMOS control inputs
• Multiple output enable pins for disabling unused outputs in
reduced fanout applications
• 3.3V, 2.5V or mixed 3.3V, 2.5V operating supply modes
• 48 lead low-profile QFP(LQFP), 7mm x 7mm x 1.4mm
package body, 0.5mm package lead pitch
• 0°C to 70°C ambient operating temperature
• Industrial temperature versions available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Q16
Q17
VDDO
GND
Q18
Q19
Q20
Q21
VDDO
GND
Q22
Q23
Q7
Q6
VDDO
GND
Q5
Q4
Q3
Q2
VDDO
GND
Q1
Q0
0
1
0
1
CLK0
nCLK0
OE1
OE2
OE3
Q0 - Q7
O8 - Q15
O16 - Q23
CLK_SEL
CLK1
nCLK1
48-Lead LQFP
Y Package
Top View
ICS8344
HiPerClockS™
,&6


Similar Part No. - ICS8344BY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344BYI ICST-ICS8344BYI Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS8344BYI-T ICST-ICS8344BYI-T Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
More results

Similar Description - ICS8344BY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
logo
Integrated Device Techn...
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8344 IDT-ICS8344 Datasheet
141Kb / 18P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com